công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

NPIS42LA bảng dữ liệu(PDF) 1 Page - NIC-Components Corp.

tên linh kiện NPIS42LA
Giải thích chi tiết về linh kiện  NPIS Shielded Power Inductors
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  NIC [NIC-Components Corp.]
Trang chủ  http://www.niccomp.com
Logo NIC - NIC-Components Corp.

NPIS42LA bảng dữ liệu(HTML) 1 Page - NIC-Components Corp.

  NPIS42LA Datasheet HTML 1Page - NIC-Components Corp. NPIS42LA Datasheet HTML 2Page - NIC-Components Corp. NPIS42LA Datasheet HTML 3Page - NIC-Components Corp. NPIS42LA Datasheet HTML 4Page - NIC-Components Corp. NPIS42LA Datasheet HTML 5Page - NIC-Components Corp. NPIS42LA Datasheet HTML 6Page - NIC-Components Corp. NPIS42LA Datasheet HTML 7Page - NIC-Components Corp.  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
1
NIC COMPONENTS CORP. www.niccomp.com www.lowESR.com www.RFpassives.com www.SMTmagnetics.com
®
Specifications are subject to change
NPIS_LA Series
NPIS Shielded Power Inductors
FEATURES
• SHIELDED POWER INDUCTOR
• HIGH SATURATION CURRENT (UP TO 16.5A)
• LOW PROFILE (1.0mm ~ 4.2mm)
• TAPE & REEL PACKAGING FOR AUTOMATIC INSERTION
• MEETS THE REQUIREMENTS OF AEC-Q200
Case Code
30
32
35
40
42
65
84
Inductance Range (μH)
1.0 ~ 22
1.0 ~ 22
1.0 ~ 47
1.0 ~ 22
1.0 ~ 22
0.36 ~ 470
1.0 ~ 470
Ambient Operating Temperature Range
-40°C ~ +125°C
Maximum Component Temperature
(Ambient + Self-Heating)
+125°C
Temperature Rise at Irms
+40°C
Inductance Change at Isat
-30%
Inductance Tolerance
±20% (M), ±30% (Y)
Resistance to Solder Heat
260°C ±5°C for 10 seconds
CHARACTERISTICS
*See Part Number System for Details
RoHS
Compliant
includes all homogeneous materials
PART NUMBER SYSTEM
NPIM -- LA4R7 M TR
F
RoHS Compliant
Packaging: TR = Tape & Reel
Inductance Tolerance Code: M=±20%
Inductance Code (μH): 1st two digits are significant,
3rd digit is multiplier for values from 10μH and up.
Construction Code (see drawing for details)
Size Code (see table for details)
Series
"QY" denotes suitable for automotive equipment, sourced to special
production and inspection at TS-16949 certified production site
QY
Series
A
B
C
D
E
F
G
H
NPIS30LA
3.0 ± 0.2
3.0 ± 0.2
1.0 max
1.0 ref
1.0 ref
3.2
1.0
3.2
NPIS32LA
3.0 ± 0.2
3.0 ± 0.2
1.2 max
1.0 ref
1.0 ref
3.2
1.0
3.2
NPIS35LA
3.0 ± 0.2
3.0 ± 0.2
1.5 max
1.0 ref
1.0 ref
3.2
1.0
3.2
NPIS40LA
4.0 ± 0.2
4.0 ± 0.2
1.0 max
1.2 ref
1.2 ref
4.2
1.2
4.2
NPIS42LA
4.0 ± 0.2
4.0 ± 0.2
1.2 max
1.2 ref
1.2 ref
4.2
1.2
4.2
NPIS65LA
6.0 ± 0.3
6.0 ± 0.3 4.2 ± 0.3
1.9 ± 0.3
4.8 ± 0.3
6.5
1.8
5.1
NPIS84LA
<1.0μH
8.0 ± 0.3
8.0 ± 0.3
4.2 max.
2.4 ± 0.3
6.3 ± 0.3
8.5
2.8
6.6
>1.0μH
3.7 max.
A
E
D
B
C
NPIS65LA and 84LA
A
E
D
B
C
G
F
H
NPIS30, 32, 35, 40 AND 42
LAND PATTERN
No
Marking


Số phần tương tự - NPIS42LA

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
NIC-Components Corp.
NPIS42L NIC-NPIS42L Datasheet
116Kb / 6P
NPIS Shielded Power Inductors
NPIS42L100MTRF NIC-NPIS42L100MTRF Datasheet
121Kb / 6P
NPIS Shielded Power Inductors
NPIS42L150MTRF NIC-NPIS42L150MTRF Datasheet
121Kb / 6P
NPIS Shielded Power Inductors
NPIS42L1R0YTRF NIC-NPIS42L1R0YTRF Datasheet
121Kb / 6P
NPIS Shielded Power Inductors
NPIS42L220MTRF NIC-NPIS42L220MTRF Datasheet
121Kb / 6P
NPIS Shielded Power Inductors
More results

Mô tả tương tự - NPIS42LA

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
NIC-Components Corp.
NPIS-A NIC-NPIS-A Datasheet
91Kb / 4P
NPIS Shielded Power Inductors
NPIS-E NIC-NPIS-E Datasheet
122Kb / 15P
NPIS Shielded Power Inductors
NPIS64D330MTRF NIC-NPIS64D330MTRF Datasheet
139Kb / 14P
NPIS Shielded Power Inductors
NPIS_D NIC-NPIS_D Datasheet
133Kb / 14P
NPIS Shielded Power Inductors
NPIS_F NIC-NPIS_F Datasheet
44Kb / 4P
NPIS Shielded Power Inductors
NPIS_L NIC-NPIS_L Datasheet
116Kb / 6P
NPIS Shielded Power Inductors
NPIS_LP NIC-NPIS_LP Datasheet
230Kb / 7P
NPIS Shielded Power Inductors
NPIS_LS NIC-NPIS_LS Datasheet
2Mb / 17P
NPIS Shielded Power Inductors
NPIS_P NIC-NPIS_P Datasheet
73Kb / 4P
NPIS Shielded Power Inductors
NPIS_R NIC-NPIS_R Datasheet
101Kb / 4P
NPIS Shielded Power Inductors
More results


Html Pages

1 2 3 4 5 6 7


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com