công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

TPS2140IPWPR bảng dữ liệu(PDF) 23 Page - Texas Instruments

Click here to check the latest version.
tên linh kiện TPS2140IPWPR
Giải thích chi tiết về linh kiện  ADJUSTABLE LDO AND SWITCH WITH DUAL CURRENT LIMIT FOR USB
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI1 [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI1 - Texas Instruments

TPS2140IPWPR bảng dữ liệu(HTML) 23 Page - Texas Instruments

Back Button TPS2140IPWPR Datasheet HTML 19Page - Texas Instruments TPS2140IPWPR Datasheet HTML 20Page - Texas Instruments TPS2140IPWPR Datasheet HTML 21Page - Texas Instruments TPS2140IPWPR Datasheet HTML 22Page - Texas Instruments TPS2140IPWPR Datasheet HTML 23Page - Texas Instruments TPS2140IPWPR Datasheet HTML 24Page - Texas Instruments TPS2140IPWPR Datasheet HTML 25Page - Texas Instruments TPS2140IPWPR Datasheet HTML 26Page - Texas Instruments TPS2140IPWPR Datasheet HTML 27Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 33 page
background image
TPS2140, TPS2141
TPS2150, TPS2151
SLVS399A − JANUARY 2002 − REVISED MAY 2006
23
www.ti.com
APPLICATION INFORMATION
DSP applications
Figure 28 shows the TPS2150 in a DSP application. DSPs use 1.8-V core voltage and 3.3-V I/O voltage. In this
type of application the TPS2150 adjustable LDO is configured for a 1.8-V output specifically for the DSP core
voltage.
The additional 3.3-V circuitry is powered through the switch of the TPS2150 only after the DSP is up and running.
LDO
LDO_PLDN
LDO_OUT
ADJ
LDO_IN
LDO_EN
SW_OUT
SW_PLDN
SW_PG
Switch
3.3 V
Power
Supply
TPS2150
SW_IN
Additional
3.3 V
Circuitry
0.1
µF
1.8 V
10
µF
0.1
µF
LDO_PG
SW_EN
3.3 V
4.7
µF
CVDD
DVDD
RESET
TMS320Cxxxx
0.1
µF
† C can be very high-value capacitance
C†
Figure 28. DSP Power Sequencing Application
system level design consideration of DSP power application
System level design considerations, such as bus contention, may require supply sequencing to be
implemented. In this case, the core supply should be powered up at the same time as (or prior to and powered
down after), the I/O buffers. This is to ensure that the I/O buffers receive valid inputs from the core before the
output buffers are powered up, thus preventing bus contention with other chips on the board.
For some DSP systems, the core supply may be required to provide a considerable amount of current until the
I/O supply is powered up. This extra current condition is a result of uninitialized logic within the DSP(s).
Decreasing the amount of time between the core supply power up and the I/O supply power up can minimize
the effects of this current draw.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com