công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

TPS2140IPWPR bảng dữ liệu(PDF) 19 Page - Texas Instruments

Click here to check the latest version.
tên linh kiện TPS2140IPWPR
Giải thích chi tiết về linh kiện  ADJUSTABLE LDO AND SWITCH WITH DUAL CURRENT LIMIT FOR USB
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI1 [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI1 - Texas Instruments

TPS2140IPWPR bảng dữ liệu(HTML) 19 Page - Texas Instruments

Back Button TPS2140IPWPR Datasheet HTML 15Page - Texas Instruments TPS2140IPWPR Datasheet HTML 16Page - Texas Instruments TPS2140IPWPR Datasheet HTML 17Page - Texas Instruments TPS2140IPWPR Datasheet HTML 18Page - Texas Instruments TPS2140IPWPR Datasheet HTML 19Page - Texas Instruments TPS2140IPWPR Datasheet HTML 20Page - Texas Instruments TPS2140IPWPR Datasheet HTML 21Page - Texas Instruments TPS2140IPWPR Datasheet HTML 22Page - Texas Instruments TPS2140IPWPR Datasheet HTML 23Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 33 page
background image
TPS2140, TPS2141
TPS2150, TPS2151
SLVS399A − JANUARY 2002 − REVISED MAY 2006
19
www.ti.com
APPLICATION INFORMATION
programming the adjustable LDO regulator (continued)
Table 1. Output Voltage Programming Guide
OUTPUT VOLTAGE
R1
R2
Cf
3.3
619 k
Ω
200 k
Ω
NR†
3.0
549 k
Ω
200 k
Ω
NR†
2.5
422 k
Ω
200 k
Ω
2 pF
1.8
249 k
Ω
200 k
Ω
6 pF
1.5
174 k
Ω
200 k
Ω
10.3 pF
1.0
49.9 k
Ω
200 k
Ω
46 pF
† NR − Not required
overcurrent
When an overcurrent condition is detected, the device maintains a constant output current. Complete shutdown
occurs only if the fault is present long enough to activate thermal limiting.
Three possible overload conditions can occur. In the first condition, the output is shorted before the device is
enabled. Once enabled the TPS2140/41/50/51 sense the short and immediately switch to a constant-current
output.
In the second condition, the short occurs while the device is enabled. At the instant the short occurs, very high
currents may flow for a very short time before the current-limit circuit can react. After the current-limit circuit has
tripped (reached the overcurrent trip threshold), the device switches into constant-current mode.
In the third condition, the load has been gradually increased beyond the recommended operating current. The
current is permitted to rise until the current-limit threshold is reached or until the thermal limit of the device is
exceeded. The TPS2140/41/50/51 are capable of delivering current up to the current-limit threshold without
damaging the device. Once the threshold has been reached, the device switches into its constant-current mode.
dual current limit
The TPS2140/41/50/51 has a dual-current-limited power switch. When the output voltage of the power switch
is below a defined power-good threshold voltage, the typical current the switch can conduct is approximately
75 mA. Therefore, the inrush current can be limited to about 75 mA even if there is a very large capacitor on
the load. When the switch output voltage reaches the power-good threshold voltage, the internal controller
enables the higher current limit, which is at least 0.8 A and at most 1.8 A. This dual-current-limit feature
completely solves the large inrush current problems that most power management applications experience.
Figure 7 shows the inrush currents with different load capacitance. The current spike at CL = 600 µF is due to
voltage difference between input and output once the higher current limit is enabled.
Because the lower current limit is only about 75 mA, the initial resistive load or equivalent load current on the
switch output must be less than 50 mA, excluding the load capacitors.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com