công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

TMS570LS3134 bảng dữ liệu(PDF) 61 Page - Texas Instruments

Click here to check the latest version.
tên linh kiện TMS570LS3134
Giải thích chi tiết về linh kiện  TMS570LS31x4/21x4 16- and 32-Bit RISC Flash Microcontroller
PDF  167 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI1 [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI1 - Texas Instruments

TMS570LS3134 bảng dữ liệu(HTML) 61 Page - Texas Instruments

Back Button TMS570LS3134 Datasheet HTML 57Page - Texas Instruments TMS570LS3134 Datasheet HTML 58Page - Texas Instruments TMS570LS3134 Datasheet HTML 59Page - Texas Instruments TMS570LS3134 Datasheet HTML 60Page - Texas Instruments TMS570LS3134 Datasheet HTML 61Page - Texas Instruments TMS570LS3134 Datasheet HTML 62Page - Texas Instruments TMS570LS3134 Datasheet HTML 63Page - Texas Instruments TMS570LS3134 Datasheet HTML 64Page - Texas Instruments TMS570LS3134 Datasheet HTML 65Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 61 / 167 page
background image
BIAS_EN
Low-Power
Oscillator
LFEN
LF_TRIM
HFEN
HF_TRIM
CLK80K
CLK10M
CLK10M_VALID
nPORRST
TMS570LS3134, TMS570LS2134, TMS570LS2124
www.ti.com
SPNS165B – APRIL 2012 – REVISED MAY 2015
6.6.1.2
Low-Power Oscillator (LPO)
The LPO is comprised of two oscillators — HF LPO and LF LPO, in a single macro.
6.6.1.2.1 Features
The main features of the LPO are:
•
Supplies a clock at extremely low power for power-saving modes. This is connected as clock source
# 4 of the GCM.
•
Supplies a high-frequency clock for nontiming-critical systems. This is connected as clock source # 5
of the GCM.
•
Provides a comparison clock for the crystal oscillator failure detection circuit.
Figure 6-5. LPO Block Diagram
Figure 6-5 shows a block diagram of the internal reference oscillator. This is an LPO and provides two
clock sources: one nominally 80 kHz and one nominally 10 MHz.
6.6.1.2.2 LPO Electrical and Timing Specifications
Table 6-10. LPO Specifications
PARAMETER
MIN
TYP
MAX
UNIT
Oscillator fail frequency - lower threshold, using
1.375
2.4
4.875
untrimmed LPO output
Clock Detection
Oscillator fail frequency - higher threshold, using
MHz
22
38.4
78
untrimmed LPO output
Untrimmed frequency
5.5
9
19.5
Trimmed frequency
8
9.6
11
MHz
LPO - HF oscillator
Start-up time from STANDBY (LPO BIAS_EN High for
(fHFLPO)
10
µs
at least 900 µs)
Cold start-up time
900
µs
Untrimmed frequency
36
85
180
kHz
LPO - LF oscillator
Start-up time from STANDBY (LPO BIAS_EN High for
100
µs
(fLFLPO)
at least 900 µs)
Cold start-up time
2000
µs
Copyright © 2012–2015, Texas Instruments Incorporated
System Information and Electrical Specifications
61
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com