công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

TMS570LS3134 bảng dữ liệu(PDF) 34 Page - Texas Instruments

Click here to check the latest version.
tên linh kiện TMS570LS3134
Giải thích chi tiết về linh kiện  TMS570LS31x4/21x4 16- and 32-Bit RISC Flash Microcontroller
PDF  167 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI1 [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI1 - Texas Instruments

TMS570LS3134 bảng dữ liệu(HTML) 34 Page - Texas Instruments

Back Button TMS570LS3134 Datasheet HTML 30Page - Texas Instruments TMS570LS3134 Datasheet HTML 31Page - Texas Instruments TMS570LS3134 Datasheet HTML 32Page - Texas Instruments TMS570LS3134 Datasheet HTML 33Page - Texas Instruments TMS570LS3134 Datasheet HTML 34Page - Texas Instruments TMS570LS3134 Datasheet HTML 35Page - Texas Instruments TMS570LS3134 Datasheet HTML 36Page - Texas Instruments TMS570LS3134 Datasheet HTML 37Page - Texas Instruments TMS570LS3134 Datasheet HTML 38Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 167 page
background image
TMS570LS3134, TMS570LS2134, TMS570LS2124
SPNS165B – APRIL 2012 – REVISED MAY 2015
www.ti.com
4.2.2.16 Test and Debug Modules Interface
Table 4-32. ZWT Test and Debug Modules Interface
TERMINAL
RESET
SIGNAL
PULL
PULL TYPE
DESCRIPTION
337
TYPE
SIGNAL NAME
STATE
ZWT
Test enable. This terminal
must be connected to ground
TEST
U2
I/O
Fixed 100-µA
directly or through a pulldown
Pulldown
Pulldown
resistor.
nTRST
D18
Input
JTAG test hardware reset
RTCK
A16
Output
N/A
None
JTAG return test clock
Fixed 100-µA
TCK
B18
Input
Pulldown
JTAG test clock
Pulldown
Fixed 100-µA
TDI
A17
I/O
Pullup
JTAG test data in
Pullup
100 µA
TDO
C18
Output
None
JTAG test data out
Pulldown
Fixed 100-µA
TMS
C19
I/O
Pullup
JTAG test select
Pullup
4.2.2.17 Flash Supply and Test Pads
Table 4-33. ZWT Flash Supply and Test Pads
TERMINAL
RESET
SIGNAL
PULL
PULL TYPE
DESCRIPTION
337
TYPE
SIGNAL NAME
STATE
ZWT
3.3-V
VCCP
F8
N/A
None
Flash pump supply
Power
FLTP1
J5
Flash test pads. These
terminals are reserved for TI
use only. For proper operation
–
N/A
None
these terminals must connect
FLTP2
H5
only to a test pad or not be
connected at all [no connect
(NC)].
4.2.2.18 Reserved
Table 4-34. Reserved
TERMINAL
RESET
SIGNAL
PULL
PULL TYPE
DESCRIPTION
337
TYPE
SIGNAL NAME
STATE
ZWT
Reserved
A15
–
N/A
None
Reserved. These balls are
connected to internal logic but
Reserved
B15
–
N/A
None
are not outputs nor do they
have internal pulls. They are
Reserved
B16
–
N/A
None
subject to ±1 µA leakage
Reserved
A8
–
N/A
None
current.
Reserved
B8
–
N/A
None
Reserved
B9
–
N/A
None
34
Terminal Configuration and Functions
Copyright © 2012–2015, Texas Instruments Incorporated
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com