công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

RM48L930DPGET bảng dữ liệu(PDF) 91 Page - Texas Instruments

tên linh kiện RM48L930DPGET
Giải thích chi tiết về linh kiện  RM48Lx30 16- and 32-Bit RISC Flash Microcontroller
PDF  172 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI1 [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI1 - Texas Instruments

RM48L930DPGET bảng dữ liệu(HTML) 91 Page - Texas Instruments

Back Button RM48L930DPGET Datasheet HTML 87Page - Texas Instruments RM48L930DPGET Datasheet HTML 88Page - Texas Instruments RM48L930DPGET Datasheet HTML 89Page - Texas Instruments RM48L930DPGET Datasheet HTML 90Page - Texas Instruments RM48L930DPGET Datasheet HTML 91Page - Texas Instruments RM48L930DPGET Datasheet HTML 92Page - Texas Instruments RM48L930DPGET Datasheet HTML 93Page - Texas Instruments RM48L930DPGET Datasheet HTML 94Page - Texas Instruments RM48L930DPGET Datasheet HTML 95Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 91 / 172 page
background image
RM48L930, RM48L730, RM48L530
www.ti.com
SPNS176C – APRIL 2012 – REVISED JUNE 2015
Table 6-28. EMIF Asynchronous Memory Switching Characteristics(1)(2)(3)
NO.
PARAMETER
MIN
NOM
MAX
UNIT
READS AND WRITES
1
td(TURNAROUND)
Turn around time
(TA)*E-4
(TA)*E
(TA)*E+3
ns
READS
EMIF read cycle time (EW = 0)
(RS+RST+RH)*E-3
(RS+RST+RH)*E
(RS+RST+RH)*E+3
3
tc(EMRCYCLE)
ns
(RS+RST+RH+(EWC*16))*
(RS+RST+RH+(EWC*16))*
(RS+RST+RH+(EWC*16))*
EMIF read cycle time (EW = 1)
E-3
E
E+3
Output setup time, EMIFnCS[4:2]
(RS)*E-4
(RS)*E
(RS)*E+3
low to EMIFnOE low (SS = 0)
4
tsu(EMCEL-EMOEL)
ns
Output setup time, EMIFnCS[4:2]
-3
0
+3
low to EMIFnOE low (SS = 1)
Output hold time, EMIFnOE high
(RH)*E-4
(RH)*E
(RH)*E+3
to EMIFnCS[4:2] high (SS = 0)
5
th(EMOEH-EMCEH)
ns
Output hold time, EMIFnOE high
-3
0
+3
to EMIFnCS[4:2] high (SS = 1)
Output setup time, EMIFBA[1:0]
6
tsu(EMBAV-EMOEL)
(RS)*E-4
(RS)*E
(RS)*E+3
ns
valid to EMIFnOE low
Output hold time, EMIFnOE high
7
th(EMOEH-EMBAIV)
(RH)*E-4
(RH)*E
(RH)*E+3
ns
to EMIFBA[1:0] invalid
Output setup time,
8
tsu(EMAV-EMOEL)
EMIFADDR[21:0] valid to
(RS)*E-4
(RS)*E
(RS)*E+3
ns
EMIFnOE low
Output hold time, EMIFnOE high
9
th(EMOEH-EMAIV)
(RH)*E-4
(RH)*E
(RH)*E+3
ns
to EMIFADDR[21:0] invalid
EMIFnOE active low width
(RST)*E-3
(RST)*E
(RST)*E+3
(EW = 0)
10
tw(EMOEL)
ns
EMIFnOE active low width
(RST+(EWC*16))*E-3
(RST+(EWC*16))*E
(RST+(EWC*16))*E+3
(EW = 1)
Delay time from EMIFnWAIT
11
td(EMWAITH-EMOEH)
3E-3
4E
4E+30
ns
deasserted to EMIFnOE high
Output setup time,
29
tsu(EMDQMV-EMOEL)
EMIFnDQM[1:0] valid to
(RS)*E-4
(RS)*E
(RS)*E+3
ns
EMIFnOE low
Output hold time, EMIFnOE high
30
th(EMOEH-EMDQMIV)
(RH)*E-4
(RH)*E
(RH)*E+3
ns
to EMIFnDQM[1:0] invalid
WRITES
EMIF write cycle time (EW = 0)
(WS+WST+WH)* E-3
(WS+WST+WH)*E
(WS+WST+WH)* E+3
15
tc(EMWCYCLE)
ns
(WS+WST+WH+(EWC*16))* (WS+WST+WH+(EWC*16))* (WS+WST+WH+(EWC*16))*
EMIF write cycle time (EW = 1)
E-3
E
E+3
Output setup time, EMIFnCS[4:2]
(WS)*E -4
(WS)*E
(WS)*E + 3
low to EMIFnWE low (SS = 0)
16
tsu(EMCEL-EMWEL)
ns
Output setup time, EMIFnCS[4:2]
-4
0
+3
low to EMIFnWE low (SS = 1)
Output hold time, EMIFnWE high
(WH)*E-4
(WH)*E
(WH)*E+3
to EMIFnCS[4:2] high (SS = 0)
17
th(EMWEH-EMCEH)
ns
Output hold time, EMIFnWE high
-4
0
+3
to EMIFCS[4:2] high (SS = 1)
Output setup time, EMIFBA[1:0]
18
tsu(EMDQMV-EMWEL)
(WS)*E-4
(WS)*E
(WS)*E+3
ns
valid to EMIFnWE low
Output hold time, EMIFnWE high
19
th(EMWEH-EMDQMIV)
(WH)*E-4
(WH)*E
(WH)*E+3
ns
to EMIFBA[1:0] invalid
Output setup time, EMIFBA[1:0]
20
tsu(EMBAV-EMWEL)
(WS)*E-4
(WS)*E
(WS)*E+3
ns
valid to EMIFnWE low
Output hold time, EMIFnWE high
21
th(EMWEH-EMBAIV)
(WH)*E-4
(WH)*E
(WH)*E+3
ns
to EMIFBA[1:0] invalid
(1)
TA = Turn around, RS = Read setup, RST = Read strobe, RH = Read hold, WS = Write setup, WST = Write strobe, WH = Write hold,
MEWC = Maximum external wait cycles. These parameters are programmed via the Asynchronous Bank and Asynchronous Wait Cycle
Configuration Registers. These support the following ranges of values: TA[4–1], RS[16–1], RST[64–1], RH[8–1], WS[16–1], WST[64–1],
WH[8–1], and MEWC[1–256]. See the RM48x Technical Reference Manual (SPNU503) for more information.
(2)
E = EMIF_CLK period in ns.
(3)
EWC = external wait cycles determined by EMIFnWAIT input signal. EWC supports the following range of values. EWC[256–1]. Note
that the maximum wait time before time-out is specified by bit field MEWC in the Asynchronous Wait Cycle Configuration Register. See
the RM48x Technical Reference Manual (SPNU503) for more information.
Copyright © 2012–2015, Texas Instruments Incorporated
System Information and Electrical Specifications
91
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com