công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

RM48L930DPGET bảng dữ liệu(PDF) 29 Page - Texas Instruments

tên linh kiện RM48L930DPGET
Giải thích chi tiết về linh kiện  RM48Lx30 16- and 32-Bit RISC Flash Microcontroller
PDF  172 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI1 [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI1 - Texas Instruments

RM48L930DPGET bảng dữ liệu(HTML) 29 Page - Texas Instruments

Back Button RM48L930DPGET Datasheet HTML 25Page - Texas Instruments RM48L930DPGET Datasheet HTML 26Page - Texas Instruments RM48L930DPGET Datasheet HTML 27Page - Texas Instruments RM48L930DPGET Datasheet HTML 28Page - Texas Instruments RM48L930DPGET Datasheet HTML 29Page - Texas Instruments RM48L930DPGET Datasheet HTML 30Page - Texas Instruments RM48L930DPGET Datasheet HTML 31Page - Texas Instruments RM48L930DPGET Datasheet HTML 32Page - Texas Instruments RM48L930DPGET Datasheet HTML 33Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 172 page
background image
RM48L930, RM48L730, RM48L530
www.ti.com
SPNS176C – APRIL 2012 – REVISED JUNE 2015
4.3.2.10 USB Host and Device Port Controller Interface
The USB Host Controller includes a root hub with two ports. USB1 pin are for Root Hub Port 0. USB2 pins
are for Root Hub Port 1.
Table 4-28. ZWT USB Host Port Controller Interface (USB1, USB2)
TERMINAL
RESET
SIGNAL
PULL
PULL TYPE
DESCRIPTION
337
TYPE
SIGNAL NAME
STATE
ZWT
Active low input, asserted
N2HET1[8]/MIBSPI1SIMO[1]/ USB1.OVERCURRENT
E18
Pulldown
Fixed, 20 µA
during overcurrent condition
from USB power switch
USB Receive Data, converted
MIBSPI1NCS[0]/MIBSPI1SOMI[1]/ USB1.RCV
R2
from differential (D+/D- to
Input
single ended by transceiver).
Pullup
Fixed, 20 µA
Single-ended D– Input, driven
MIBSPI5NENA/DMM_DATA[7]/USB1.VM
H18
by transceiver
Single-ended D+ Input, driven
MIBSPI1NENA/N2HET1[23]/ USB1.VP
G19
by transceiver
Active-high output enable for
GIOB[1]/USB1.PORTPOWER
K2
controlling an external USB
power switch
Transmit speed to USB port
Pulldown
None
transceiver.
N2HET1[30]/USB1.SPEED
B11
0 = Low Speed
1 = Full Speed
This signal indicates the state
of the port, active or suspend.
MIBSPI1NCS[1]/N2HET1[17]/ USB1.SUSPEND
F3
Pullup
None
Output
0 = Active
1 = Suspend
Single-Ended USB Data
Output to USB Transceiver.
GIOB[0]/USB1.TXDAT
M2
Use in combination with
USB1.TXSE0
Pulldown
None
Active-low output transmit
N2HET1[10]/USB1.TXEN
D19
enable to port transceiver
Active High Output – Instructs
N2HET1[14]/USB1.TXSE0
A11
Transceiver to transmit single-
ended zero
Active-low input, asserted
N2HET1[11]/MIBSPI3NCS[4]/N2HET2[18]/
E3
Pullup
Fixed, 20 µA
during overcurrent condition
USB2.OVERCURRENT/USB_FUNC.VBUSI
from USB power switchg
Receive data from USB port
transceiver. This signal is
GIOB[3]/USB2.RCV/USB_FUNC.RXDI
W10
generated from D+, D–
Input
differential lines of the USB
cable.
Pulldown
Fixed, 20 µA
Single-ended D– Input, driven
GIOA[1]/USB2.VM/USB_FUNC.RXDMI
C2
by transceiver
Single-ended D+ Input, driven
GIOA[0]/USB2.VP/USB_FUNC.RXDPI
A5
by transceiver.
Copyright © 2012–2015, Texas Instruments Incorporated
Terminal Configuration and Functions
29
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com