| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
TMS320C6421 bảng dữ liệu(PDF) 34 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
TMS320C6421 bảng dữ liệu(HTML) 34 Page - Texas Instruments |
|
34 / 222 page ![]() TMS320C6421 Fixed-Point Digital Signal Processor SPRS346D – JANUARY 2007 – REVISED JUNE 2008 www.ti.com Table 2-13. EMIFA Terminal Functions (EMIFA Pinout Mode 5, AEM[2:0] = 101) (continued) SIGNAL TYPE(1) OTHER(2)(3) DESCRIPTION ZWT ZDU NAME NO. NO. EM_D0/ IPD D16 E21 I/O/Z GP[14] DVDD33 EM_D1/ IPD D18 G20 I/O/Z GP[15] DVDD33 EM_D2/ IPD D17 E22 I/O/Z GP[16] DVDD33 EM_D3/ IPD These pins are multiplexed between EMIFA (NAND) and GPIO. E16 F20 I/O/Z GP[17] DVDD33 For EMIFA (NAND) AEM[2:0] = 101, these pins are the 8-bit EM_D4/ IPD E18 G21 I/O/Z bi-directional data bus (EM_D[7:0]). GP[18] DVDD33 EM_D5/ IPD E17 F22 I/O/Z GP[19] DVDD33 EM_D6/ IPD F16 F21 I/O/Z GP[20] DVDD33 EM_D7/ IPD F17 H20 I/O/Z GP[21] DVDD33 Device Overview 34 Submit Documentation Feedback |