| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
TMS320C6472ECTZ bảng dữ liệu(PDF) 39 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
TMS320C6472ECTZ bảng dữ liệu(HTML) 39 Page - Texas Instruments |
|
39 / 269 page ![]() TMS320C6472 www.ti.com SPRS612G – JUNE 2009 – REVISED JULY 2011 Table 2-5. Terminal Functions (continued) SIGNAL TYPE(1) IPD/IPU(2) (3) DESCRIPTION NAME NO. TX20 AF4 TX21 AA5 TX22 AD5 TX23 AC5 O/Z IPD TSIP2 transmit data TX24 AC4 TX25 Y5 TX26 AE3 TX27 AG3 HOST-PORT INTERFACE (HPI16) HD00 AG27 HD01 AH28 HD02 AE24 HD03 AF25 HD04 AG26 HD05 AJ28 HD06 AG25 HD07 AH26 I/O/Z IPD Host port multiplexed data bus HD08 AE22 HD09 AF23 HD10 AG24 HD11 AJ26 HD12 AH24 HD13 AG23 HD14 AJ24 HD15 AF22 HAS AD25 I IPU Host port address strobe HCNTL0 AF26 I IPD Host port control select. Selects between control, address, or data registers. HCNTL1 AF24 I IPD HCS AF28 I IPU Host port chip select HDS1 AE25 I IPU Host port data strobe HDS2 AE23 I IPU Host port half-word select. First or second half-word (not HHWIL AG29 I IPU necessarily high or low order). HINT AG28 O/Z IPU Host port interrupt from DSP to host HR/W AF27 I IPU Host port read or write select HRDY AE26 O/Z IPU Host port ready indication TEST/RESERVED RSV01 H5 NC RSV02 B20 NC RSV07 E21 NC RSV08 AG22 NC RSV09 AF7 NC RSV10 AH6 NC RSV11 AJ3 NC RSV12 AG4 NC RSV13 M28 NC RSV14 AE13 NC Copyright © 2009–2011, Texas Instruments Incorporated Device Overview 39 Submit Documentation Feedback Product Folder Link(s) :TMS320C6472 |