| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
TMS320C6472ECTZ bảng dữ liệu(PDF) 186 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
TMS320C6472ECTZ bảng dữ liệu(HTML) 186 Page - Texas Instruments |
|
186 / 269 page ![]() HCS HAS HCNTL[1:0] HR/W HHWIL HSTROBE(A) HD[15:0] HRDY(B) 16 15 37 13 14 16 15 37 13 3 1 2 3 1 2 38 7 4 6 TMS320C6472 SPRS612G – JUNE 2009 – REVISED JULY 2011 www.ti.com A. HSTROBE refers to the following logical operation on HCS, HDS1, and HDS2: [NOT(HDS1 XOR HDS2)] OR HCS. B. Depending on the type of write or read operation (HPID without auto-incrementing; HPIA, HPIC, or HPID with auto-incrementing) and the state of the FIFO, transitions on HRDY may or may not occur. For more detailed information on the HPI peripheral, see the TMS320C6472/TMS320TCI6486 DSP Host Port Interface (HPI) User 's Guide (literature number SPRUEG1). Figure 7-41. HPI16 Read Timing (HAS Not Used, Tied High) 186 C64x+ Peripheral Information and Electrical Specifications Copyright © 2009–2011, Texas Instruments Incorporated Submit Documentation Feedback Product Folder Link(s) :TMS320C6472 |