công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

TMS320C28343 bảng dữ liệu(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
tên linh kiện TMS320C28343
Giải thích chi tiết về linh kiện  Delfino Microcontrollers
PDF  170 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI1 [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI1 - Texas Instruments

TMS320C28343 bảng dữ liệu(HTML) 13 Page - Texas Instruments

Back Button TMS320C28343 Datasheet HTML 9Page - Texas Instruments TMS320C28343 Datasheet HTML 10Page - Texas Instruments TMS320C28343 Datasheet HTML 11Page - Texas Instruments TMS320C28343 Datasheet HTML 12Page - Texas Instruments TMS320C28343 Datasheet HTML 13Page - Texas Instruments TMS320C28343 Datasheet HTML 14Page - Texas Instruments TMS320C28343 Datasheet HTML 15Page - Texas Instruments TMS320C28343 Datasheet HTML 16Page - Texas Instruments TMS320C28343 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 170 page
background image
TMS320C28346, TMS320C28345, TMS320C28344
TMS320C28343, TMS320C28342, TMS320C28341
www.ti.com
SPRS516D – MARCH 2009 – REVISED AUGUST 2012
Table 2-1. C2834x Hardware Features
C28346
C28345
C28344
C28343
C28342
C28341
FEATURE
TYPE
(1)
(300 MHz)
(200 MHz)
(300 MHz)
(200 MHz)
(300 MHz)
(200 MHz)
256-Ball ZFE
256-Ball ZFE
179-Ball ZHH
256-Ball ZFE
256-Ball ZFE
179-Ball ZHH
256-Ball ZFE
256-Ball ZFE
179-Ball ZHH
Package Type
–
PBGA
(2)
PBGA
(2)
BGA
PBGA
(2)
PBGA
(2)
BGA
PBGA
(2)
PBGA
(2)
BGA
Instruction cycle
–
3.33 ns
5 ns
3.33 ns
5 ns
3.33 ns
5 ns
Floating-point unit
–
Yes
Yes
Yes
Yes
Yes
Yes
Single-access RAM (SARAM) (16-bit word)
–
258K
258K
130K
130K
98K
98K
Code security for on-chip SARAM blocks
–
No
(3)
No
(3)
No
(3)
No
(3)
No
(3)
No
(3)
Boot ROM (8K x 16)
–
Yes
Yes
Yes
Yes
Yes
Yes
16-/32-bit External Interface (XINTF)
1
Yes
Yes
Yes
Yes
Yes
Yes
6-channel Direct Memory Access (DMA)
0
Yes
Yes
Yes
Yes
Yes
Yes
ePWM1/2/3/
ePWM1/2/3/
ePWM1/2/3/
ePWM1/2/3/
ePWM1/2/3/
ePWM1/2/3/
PWM outputs
0
4/5/6/7/8/9
4/5/6/7/8/9
4/5/6/7/8/9
4/5/6/7/8/9
4/5/6
4/5/6
ePWM1A/2A/
ePWM1A/2A/
ePWM1A/2A/
ePWM1A/2A/
ePWM1A/2A/
ePWM1A/2A/
HRPWM channels
0
3A/4A/5A/6A/
3A/4A/5A/6A/
3A/4A/5A/6A/
3A/4A/5A/6A/
3A/4A/5A/6A
3A/4A/5A/6A
7A/8A/9A
7A/8A/9A
7A/8A/9A
7A/8A/9A
32-bit Capture inputs or auxiliary PWM outputs
0
6
6
6
6
4
4
32-bit QEP channels (four inputs/channel)
0
3
3
3
3
2
2
Watchdog timer
–
Yes
Yes
Yes
Yes
Yes
Yes
External ADC Interface
–
Yes
Yes
Yes
Yes
Yes
Yes
32-bit CPU timers
–
3
3
3
3
3
3
Multichannel Buffered Serial Port (McBSP)/SPI
1
2
2
2
2
1
1
Serial Peripheral Interface (SPI)
0
2
2
2
2
2
2
Serial Communications Interface (SCI)
0
3
3
3
3
3
3
Enhanced Controller Area Network (eCAN)
0
2
2
2
2
2
2
Inter-Integrated Circuit (I2C)
0
1
1
1
1
1
1
General-Purpose Input/Output (GPIO) pins
–
88
88
88
88
88
88
(shared)
External interrupts
–
8
8
8
8
8
8
(1)
A type change represents a major functional feature difference in a peripheral module. Within a peripheral type, there may be minor differences between devices that do not affect the
basic functionality of the module. These device-specific differences are listed in the TMS320x28xx, 28xxx DSP Peripheral Reference Guide (literature number SPRU566) and in the
peripheral reference guides.
(2)
TMX samples will come with the ZEP designator. The designator will change to ZFE after TMS.
(3)
Custom secure versions of these devices are available. See Section 3.2.9, Security, for more details.
Copyright © 2009–2012, Texas Instruments Incorporated
Introduction
13
Submit Documentation Feedback
Product Folder Link(s): TMS320C28346, TMS320C28345, TMS320C28344 TMS320C28343, TMS320C28342,
TMS320C28341



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com