công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

TMS320C28343 bảng dữ liệu(PDF) 73 Page - Texas Instruments

Click here to check the latest version.
tên linh kiện TMS320C28343
Giải thích chi tiết về linh kiện  Delfino Microcontrollers
PDF  170 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI1 [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI1 - Texas Instruments

TMS320C28343 bảng dữ liệu(HTML) 73 Page - Texas Instruments

Back Button TMS320C28343 Datasheet HTML 69Page - Texas Instruments TMS320C28343 Datasheet HTML 70Page - Texas Instruments TMS320C28343 Datasheet HTML 71Page - Texas Instruments TMS320C28343 Datasheet HTML 72Page - Texas Instruments TMS320C28343 Datasheet HTML 73Page - Texas Instruments TMS320C28343 Datasheet HTML 74Page - Texas Instruments TMS320C28343 Datasheet HTML 75Page - Texas Instruments TMS320C28343 Datasheet HTML 76Page - Texas Instruments TMS320C28343 Datasheet HTML 77Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 73 / 170 page
background image
TMS320C28346, TMS320C28345, TMS320C28344
TMS320C28343, TMS320C28342, TMS320C28341
www.ti.com
SPRS516D – MARCH 2009 – REVISED AUGUST 2012
Table 4-5 provides a summary of the eQEP registers.
Table 4-5. eQEP Control and Status Registers
eQEPx
eQEP1
eQEP2
eQEP3
NAME
SIZE(x16)/
REGISTER DESCRIPTION
ADDRESS
ADDRESS
ADDRESS
#SHADOW
QPOSCNT
0x6B00
0x6B40
0x6B80
2/0
eQEP Position Counter
QPOSINIT
0x6B02
0x6B42
0x6B82
2/0
eQEP Initialization Position Count
QPOSMAX
0x6B04
0x6B44
0x6B84
2/0
eQEP Maximum Position Count
QPOSCMP
0x6B06
0x6B46
0x6B86
2/1
eQEP Position-compare
QPOSILAT
0x6B08
0x6B48
0x6B88
2/0
eQEP Index Position Latch
QPOSSLAT
0x6B0A
0x6B4A
0x6B8A
2/0
eQEP Strobe Position Latch
QPOSLAT
0x6B0C
0x6B4C
0x6B8C
2/0
eQEP Position Latch
QUTMR
0x6B0E
0x6B4E
0x6B8E
2/0
eQEP Unit Timer
QUPRD
0x6B10
0x6B50
0x6B90
2/0
eQEP Unit Period Register
QWDTMR
0x6B12
0x6B52
0x6B92
1/0
eQEP Watchdog Timer
QWDPRD
0x6B13
0x6B53
0x6B93
1/0
eQEP Watchdog Period Register
QDECCTL
0x6B14
0x6B54
0x6B94
1/0
eQEP Decoder Control Register
QEPCTL
0x6B15
0x6B55
0x6B95
1/0
eQEP Control Register
QCAPCTL
0x6B16
0x6B56
0x6B96
1/0
eQEP Capture Control Register
QPOSCTL
0x6B17
0x6B57
0x6B97
1/0
eQEP Position-compare Control
Register
QEINT
0x6B18
0x6B58
0x6B98
1/0
eQEP Interrupt Enable Register
QFLG
0x6B19
0x6B59
0x6B99
1/0
eQEP Interrupt Flag Register
QCLR
0x6B1A
0x6B5A
0x6B9A
1/0
eQEP Interrupt Clear Register
QFRC
0x6B1B
0x6B5B
0x6B9B
1/0
eQEP Interrupt Force Register
QEPSTS
0x6B1C
0x6B5C
0x6B9C
1/0
eQEP Status Register
QCTMR
0x6B1D
0x6B5D
0x6B9D
1/0
eQEP Capture Timer
QCPRD
0x6B1E
0x6B5E
0x6B9E
1/0
eQEP Capture Period Register
QCTMRLAT
0x6B1F
0x6B5F
0x6B9F
1/0
eQEP Capture Timer Latch
QCPRDLAT
0x6B20
0x6B60
0x6BA0
1/0
eQEP Capture Period Latch
Reserved
0x6B21 - 0x6B3F
0x6B61 - 0x6B7F
0x6BBA1 - 0x6BBF
31/0
4.7
External ADC Interface
The external ADC interface operation is configured, controlled, and monitored by the External SoC
Configuration Register (EXTSOCCFG) at address 0x702E. Figure 4-8 illustrates how the Start-of-
Conversion signals for external ADCs are generated by the on-chip PWM modules.
Copyright © 2009–2012, Texas Instruments Incorporated
Peripherals
73
Submit Documentation Feedback
Product Folder Link(s): TMS320C28346, TMS320C28345, TMS320C28344 TMS320C28343, TMS320C28342,
TMS320C28341



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com