công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

TMS320C28343 bảng dữ liệu(PDF) 39 Page - Texas Instruments

Click here to check the latest version.
tên linh kiện TMS320C28343
Giải thích chi tiết về linh kiện  Delfino Microcontrollers
PDF  170 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI1 [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI1 - Texas Instruments

TMS320C28343 bảng dữ liệu(HTML) 39 Page - Texas Instruments

Back Button TMS320C28343 Datasheet HTML 35Page - Texas Instruments TMS320C28343 Datasheet HTML 36Page - Texas Instruments TMS320C28343 Datasheet HTML 37Page - Texas Instruments TMS320C28343 Datasheet HTML 38Page - Texas Instruments TMS320C28343 Datasheet HTML 39Page - Texas Instruments TMS320C28343 Datasheet HTML 40Page - Texas Instruments TMS320C28343 Datasheet HTML 41Page - Texas Instruments TMS320C28343 Datasheet HTML 42Page - Texas Instruments TMS320C28343 Datasheet HTML 43Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 170 page
background image
TMS320C28346, TMS320C28345, TMS320C28344
TMS320C28343, TMS320C28342, TMS320C28341
www.ti.com
SPRS516D – MARCH 2009 – REVISED AUGUST 2012
Peripheral Frame 1, Peripheral Frame 2, and Peripheral Frame 3 are grouped together to enable these
blocks to be write/read peripheral block protected. The protected mode ensures that all accesses to these
blocks happen as written. Because of the C28x pipeline, a write immediately followed by a read, to
different memory locations, will appear in reverse order on the memory bus of the CPU. This can cause
problems in certain peripheral applications where the user expected the write to occur first (as written).
The C28x CPU supports a block protection mode where a region of memory can be protected so as to
make sure that operations occur as written (the penalty is extra cycles are added to align the operations).
This mode is programmable and by default, it will protect the selected zones.
The wait-states for the various spaces in the memory map area are listed in Table 3-1.
Table 3-1. Wait-states
WAIT-STATES
WAIT-STATES
AREA
COMMENTS
(CPU)
(DMA)(1)
M0 and M1 SARAMs
0-wait
No access
Fixed
Peripheral Frame 0
0-wait (writes)
No access (writes)
1-wait (reads)
0-wait (reads)
Peripheral Frame 3
0-wait (writes)
0-wait (writes)
Assumes no conflicts between CPU and DMA.
2-wait (reads)
1-wait (reads)
Peripheral Frame 1
0-wait (writes)
Cycles can be extended by peripheral generated ready.
No access
2-wait (reads)
Consecutive writes to the CAN will experience a 1-cycle
pipeline hit.
Peripheral Frame 2
0-wait (writes)
Fixed. Cycles cannot be extended by the peripheral.
No access
2-wait (reads)
L0 SARAM
0-wait data and
Assumes no CPU conflicts
program
L1 SARAM
L2 SARAM
L3 SARAM
L4 SARAM
1-wait
Assumes no conflicts between CPU and DMA
L5 SARAM
L6 SARAM
1-wait
L7 SARAM
XINTF
Programmable
Programmed via the XTIMING registers or extendable via
external XREADY signal.
1-wait minimum
1-wait is minimum wait states allowed on external waveforms
for both reads and writes on XINTF.
0-wait minimum writes
0-wait data (write)
0-wait minimum for writes assumes write buffer enabled and
with write buffer
0-wait data (read)
not full.
enabled
Assumes no conflicts between CPU and DMA. When DMA
and CPU attempt simultaneous conflict, 1-cycle delay is
added for arbitration.
H0 SARAM
1-wait
A program-access prefetch mechanism is enabled on these
memories to improve instruction fetch performance for linear
H1 SARAM
code execution.
H2 SARAM
No access
H3 SARAM
H4 SARAM
H5 SARAM
Boot-ROM
1-wait
No access
(1)
The DMA has a base of 4 cycles/word.
Copyright © 2009–2012, Texas Instruments Incorporated
Functional Overview
39
Submit Documentation Feedback
Product Folder Link(s): TMS320C28346, TMS320C28345, TMS320C28344 TMS320C28343, TMS320C28342,
TMS320C28341



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com