công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

UCD3138128APFC bảng dữ liệu(PDF) 77 Page - Texas Instruments

Click here to check the latest version.
tên linh kiện UCD3138128APFC
Giải thích chi tiết về linh kiện  UCD3138128A Highly-Integrated Digital Controller For Isolated Power
PDF  83 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI1 [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI1 - Texas Instruments

UCD3138128APFC bảng dữ liệu(HTML) 77 Page - Texas Instruments

Back Button UCD3138128APFC Datasheet HTML 73Page - Texas Instruments UCD3138128APFC Datasheet HTML 74Page - Texas Instruments UCD3138128APFC Datasheet HTML 75Page - Texas Instruments UCD3138128APFC Datasheet HTML 76Page - Texas Instruments UCD3138128APFC Datasheet HTML 77Page - Texas Instruments UCD3138128APFC Datasheet HTML 78Page - Texas Instruments UCD3138128APFC Datasheet HTML 79Page - Texas Instruments UCD3138128APFC Datasheet HTML 80Page - Texas Instruments UCD3138128APFC Datasheet HTML 81Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 77 / 83 page
background image
77
UCD3138128A
www.ti.com
SLUSC99 – JULY 2016
Product Folder Links: UCD3138128A
Submit Documentation Feedback
Copyright © 2016, Texas Instruments Incorporated
Documentation Support (continued)
13.2.1.1 References
1. UCD3138064 Programmer’s Manual (Literature Number: SLUUAD8 )
2. UCD3138 Digital Power Peripherals Programmer’s Manual (Literature Number:SLUU995)
3. UCD3138 Monitoring & Communications Programmer’s Manual (Literature Number:SLUU996)
4. UCD3138 ARM and Digital System Programmer’s Manual (Literature Number:SLUU994)
5. FUSION_DIGITAL_POWER_DESIGNER for Isolated Power Applications (Literature Number: SLUA676)
6. Code Composer Studio Development Tools v3.3 – Getting Started Guide, (Literature Number: SPRU509H)
7. ARM7TDMI-S Technical Reference Manual
8. System Management Bus (SMBus) Specification
9. PMBus™ Power System Management Protocol Specification
10. UCD3138128 Programmers Manual (Literature Number: SLUUB54)
11. UCD3138 Family - Practical Design Guideline (Literature Number: SLUA779)
In addition to the tools and documentation described above, for the most up to date information regarding
evaluation
modules,
reference
application
firmware
and
application
notes/design
tips,
please
visit
http://www.ti.com/product/UCD3138A64.
13.3 Receiving Notification of Documentation Updates
To receive notification of documentation updates, navigate to the device product folder on ti.com. In the upper
right corner, click on Alert me to register and receive a weekly digest of any product information that has
changed. For change details, review the revision history included in any revised document.
13.4 Trademarks
PMBus is a trademark of SMIF, Inc.
All other trademarks are the property of their respective owners.
13.5 Electrostatic Discharge Caution
These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam
during storage or handling to prevent electrostatic damage to the MOS gates.
13.6 Glossary
SLYZ022 — TI Glossary.
This glossary lists and explains terms, acronyms, and definitions.
14 Mechanical, Packaging, and Orderable Information
The following pages include mechanical, packaging, and orderable information. This information is the most
current data available for the designated devices. This data is subject to change without notice and revision of
this document. For browser-based versions of this data sheet, refer to the left-hand navigation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com