công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

TLV320DAC32 bảng dữ liệu(PDF) 39 Page - Texas Instruments

Click here to check the latest version.
tên linh kiện TLV320DAC32
Giải thích chi tiết về linh kiện  LOW POWER STEREO AUDIO DAC FOR PORTABLE AUDIO/TELEPHONY
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI1 [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI1 - Texas Instruments

TLV320DAC32 bảng dữ liệu(HTML) 39 Page - Texas Instruments

Back Button TLV320DAC32 Datasheet HTML 35Page - Texas Instruments TLV320DAC32 Datasheet HTML 36Page - Texas Instruments TLV320DAC32 Datasheet HTML 37Page - Texas Instruments TLV320DAC32 Datasheet HTML 38Page - Texas Instruments TLV320DAC32 Datasheet HTML 39Page - Texas Instruments TLV320DAC32 Datasheet HTML 40Page - Texas Instruments TLV320DAC32 Datasheet HTML 41Page - Texas Instruments TLV320DAC32 Datasheet HTML 42Page - Texas Instruments TLV320DAC32 Datasheet HTML 43Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 70 page
background image
TLV320DAC32
www.ti.com........................................................................................................................................ SLAS506B – NOVEMBER 2006 – REVISED DECEMBER 2008
Page 0 / Register 4:
PLL Programming Register B
BIT
READ/
RESET
DESCRIPTION
WRITE
VALUE
D7–D2
R/W
000001
PLL J Value
000000: Reserved, do not write this sequence
000001: J = 1
000010: J = 2
000011: J = 3
…
111110: J = 62
111111: J = 63
D1–D0
R/W
00
Reserved, write only zeros to these bits
Table 1. Page 0 / Register 5:
PLL Programming Register C(1)
BIT
READ/
RESET
DESCRIPTION
WRITE
VALUE
D7-D0
R/W
00000000
PLL D(13:6) – Eight most significant bits of a 14-bit unsigned integer valid values for D are from
zero to 9999, represented by a 14-bit integer located in Page-0/Reg-5-6. Values should not be
written into these registers that would result in a D value outside the valid range.
(1)
When programming PLL D value, register 5 should always be written first, immediately followed by register 6. Even if only the MSB or
LSB of the value changes, both registers should be written.
Page 0 / Register 6:
PLL Programming Register D
BIT
READ/
RESET
DESCRIPTION
WRITE
VALUE
D7–D2
R/W
00000000
PLL D(5:0) – Six least significant bits of a 14-bit unsigned integer valid values for D are from
zero to 9999, represented by a 14-bit integer located in Page-0/Reg-5-6. Values should not be
written into these registers that would result in a D value outside the valid range.
D1-D0
R
00
Reserved. Do not write to these bits.
Page 0 / Register 7:
DAC Datapath Setup Register
BIT
READ/
RESET
DESCRIPTION
WRITE
VALUE
D7
R/W
0
Fsref setting
0: Fsref = 48-kHz
1: Fsref = 44.1-kHz
D6
R/W
0
Reserved. Only write zero to this bit.
D5
R/W
0
DAC Dual Rate Control 0: DAC dual rate mode is disabled 1: DAC dual rate mode is enabled
D4–D3
R/W
00
Left DAC Datapath Control
00: Left DAC datapath is off (muted)
01: Left DAC datapath plays left channel input data
10: Left DAC datapath plays right channel input data
11: Left DAC datapath plays mono mix of left and right channel input data
D2–D1
R/W
00
Right DAC Datapath Control
00: Right DAC datapath is off (muted)
01: Right DAC datapath plays right channel input data
10: Right DAC datapath plays left channel input data
11: Right DAC datapath plays mono mix of left and right channel input data
D0
R/W
0
Reserved. Only write zero to this register.
Copyright © 2006–2008, Texas Instruments Incorporated
Submit Documentation Feedback
39
Product Folder Link(s): TLV320DAC32



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com