công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

TLV320DAC32 bảng dữ liệu(PDF) 21 Page - Texas Instruments

Click here to check the latest version.
tên linh kiện TLV320DAC32
Giải thích chi tiết về linh kiện  LOW POWER STEREO AUDIO DAC FOR PORTABLE AUDIO/TELEPHONY
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI1 [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI1 - Texas Instruments

TLV320DAC32 bảng dữ liệu(HTML) 21 Page - Texas Instruments

Back Button TLV320DAC32 Datasheet HTML 17Page - Texas Instruments TLV320DAC32 Datasheet HTML 18Page - Texas Instruments TLV320DAC32 Datasheet HTML 19Page - Texas Instruments TLV320DAC32 Datasheet HTML 20Page - Texas Instruments TLV320DAC32 Datasheet HTML 21Page - Texas Instruments TLV320DAC32 Datasheet HTML 22Page - Texas Instruments TLV320DAC32 Datasheet HTML 23Page - Texas Instruments TLV320DAC32 Datasheet HTML 24Page - Texas Instruments TLV320DAC32 Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 70 page
background image
I
2C CONTROL MODE
SDA
SCL
t
HD-STA
0.9
s
³
m
t
SU-STO
0.9
s
³
m
P
S
t
SU-STA
0.9
s
³
m
Sr
t
HD-STA
0.9
s
³
m
S
T0114-02
TLV320DAC32
www.ti.com........................................................................................................................................ SLAS506B – NOVEMBER 2006 – REVISED DECEMBER 2008
change in page control has occurred properly. Future read/write operations to addresses 1 to 127 will now
access registers in page 1. When page 0 registers must be accessed again, the user writes the 8-bit sequence
“0x00” to register 0, the page control register, to change the active page back to page 0. After a recommended
read of the page control register, all further read/write operations to addresses 1 to 127 will now access page 0
registers again.
It is considered to be a best practice, that when writing to PAGE 1, all five of the digital filter’s coefficients of the
Bi-Quad structure be updated to the new values before resuming digital audio playback.
The TLV320DAC32 supports the I2C control protocol using 7-bit addressing and is capable of both standard and
fast modes. For I2C fast mode, note that the minimum timing for each of tHD-STA, tSU-STA, and tSU-STO is 0.9 µs, as
seen in Figure 23. The TLV320DAC32 will respond to the I2C address of 0011000. I2C is a two-wire open-drain
interface supporting multiple devices and masters on a single bus. Devices on the I2C bus only drive the bus
lines LOW by connecting them to ground; they never drive the bus lines HIGH. Instead, the bus wires are pulled
HIGH by pull-up resistors, so the bus wires are HIGH when no device is driving them LOW. This way, two
devices cannot conflict; if two devices drive the bus simultaneously, there is no driver contention.
Figure 23. I2C Interface Timing
Communication on the I2C bus always takes place between two devices, one acting as the master and the other
acting as the slave. Both masters and slaves can read and write, but slaves can only do so under the direction of
the master. Some I2C devices can act as masters or slaves, but the TLV320DAC32 can only act as a slave
device.
An I2C bus consists of two lines, SDA and SCL. SDA carries data; SCL provides the clock. All data is transmitted
across the I2C bus in groups of eight bits. To send a bit on the I2C bus, the SDA line is driven to the appropriate
level while SCL is LOW (a LOW on SDA indicates the bit is zero; a HIGH indicates the bit is one). Once the SDA
line has settled, the SCL line is brought HIGH, then LOW. This pulse on SCL clocks the SDA bit into the
receiver’s shift register.
The I2C bus is bidirectional: the SDA line is used both for transmitting and receiving data. When a master reads
from a slave, the slave drives the data line; when a master sends info to a slave, the master drives the data line.
The master always drives the clock line. The TLV320DAC32 never drives SCL, because it cannot act as a
master. On the TLV320DAC32, SCL is an input only.
Most of the time the bus is idle, no communication is taking place, and both lines are HIGH. When
communication is taking place, the bus is active. Only master devices can start a communication. They do this by
causing a START condition on the bus. Normally, the data line is only allowed to change state while the clock
line is LOW. If the data line changes state while the clock line is HIGH, it is either a START condition or its
counterpart, a STOP condition. A START condition is when the clock line is HIGH and the data line goes from
HIGH to LOW. A STOP condition is when the clock line is HIGH and the data line goes from LOW to HIGH.
Copyright © 2006–2008, Texas Instruments Incorporated
Submit Documentation Feedback
21
Product Folder Link(s): TLV320DAC32



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com