| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
TLK1201ARCP bảng dữ liệu(PDF) 16 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
TLK1201ARCP bảng dữ liệu(HTML) 16 Page - Texas Instruments |
|
16 / 24 page ![]() www.ti.com TLK1201ARCP, TLK1201AIRCP ETHERNET TRANSCEIVERS SLLS580D – FEBRUARY 2004 – REVISED SEPTEMBER 2007 Other requirements for thermal lands and thermal vias are detailed in the TI application note PowerPAD Thermally Enhanced Package Application Report, TI literature number SLMA002, available via the TI Web pages beginning at URL: http://www.ti.com. Figure 13. Example of a Thermal Land For the TLK1201AI, this thermal land must be grounded to the low-impedance ground plane of the device. This improves not only thermal performance but also the electrical grounding of the device. It is also recommended that the device ground terminal landing pads be connected directly to the grounded thermal land. The land size must be as large as possible without shorting device signal terminals. The thermal land may be soldered to the exposed PowerPAD using standard reflow soldering techniques. While the thermal land may be electrically floated and configured to remove heat to an external heat sink, it is recommended that the thermal land be connected to the low-impedance ground plane for the device. More information may be obtained from the TI application note PHY Layout, TI literature number SLLA020. 16 Submit Documentation Feedback Copyright © 2004–2007, Texas Instruments Incorporated Product Folder Link(s): TLK1201ARCP TLK1201AIRCP |