công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

TLV2381 bảng dữ liệu(PDF) 6 Page - Texas Instruments

tên linh kiện TLV2381
Giải thích chi tiết về linh kiện  FAMILY OF MICROPOWER RAIL-TO-RAIL INPUT AND OUTPUT OPERATIONAL AMPLIFIERS
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI1 [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI1 - Texas Instruments

TLV2381 bảng dữ liệu(HTML) 6 Page - Texas Instruments

Back Button TLV2381_15 Datasheet HTML 2Page - Texas Instruments TLV2381_15 Datasheet HTML 3Page - Texas Instruments TLV2381_15 Datasheet HTML 4Page - Texas Instruments TLV2381_15 Datasheet HTML 5Page - Texas Instruments TLV2381_15 Datasheet HTML 6Page - Texas Instruments TLV2381_15 Datasheet HTML 7Page - Texas Instruments TLV2381_15 Datasheet HTML 8Page - Texas Instruments TLV2381_15 Datasheet HTML 9Page - Texas Instruments TLV2381_15 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
TLV2381
TLV2382
SLOS377A – SEPTEMBER 2001– REVISED JULY 2003
6
www.ti.com
TYPICAL CHARACTERISTICS
Figure 4
INPUT BIAS AND INPUT
OFFSET CURRENT
vs
FREE-AIR TEMPERATURE
TA – Free-Air Temperature – °C
100
90
80
70
60
50
40
30
20
10
0
25
45
65
85
105
125
VDD± = ± 2.5 V
VIC = 0
VO = 0
RS = 50 Ω
IIB
IIO
Figure 5
0
2.5
5
7.5
10
12.5
15
20
02468 10 12 14 16 18
22 24
–40
°C
0
°C
25
°C
70
°C
125
°C
VS = 15 V
IOH – High-Level Output Current – mA
HIGH-LEVEL OUTPUT VOLTAGE
vs
HIGH-LEVEL OUTPUT CURRENT
Figure 6
0
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
02
4
6
8
10 12
14
16 18 20
–40
°C
0
°C
25
°C
125
°C
VS = 15 V
70
°C
IOL – Low-Level Output Current – mA
LOW-LEVEL OUTPUT VOLTAGE
vs
LOW-LEVEL OUTPUT CURRENT
Figure 7
0
0.5
1
1.5
2
2.5
3
3.5
4
4.5
5
0
0.5
1
1.5
2 2.5
3
3.5
4
4.5
5
–40
°C
0
°C
25
°C
70
°C
125
°C
VS = 5 V
IOH – High-Level Output Current – mA
HIGH-LEVEL OUTPUT VOLTAGE
vs
HIGH-LEVEL OUTPUT CURRENT
Figure 8
0
0.5
1
1.5
2
2.5
3
3.5
4
4.5
5
0 0.5 1 1.5 2 2.5 3 3.5 4 4.5
5 5.5 6
–40
°C
0
°C
25
°C
125
°C
VS = 5 V
70
°C
IOL – Low-Level Output Current – mA
LOW-LEVEL OUTPUT VOLTAGE
vs
LOW-LEVEL OUTPUT CURRENT
Figure 9
0
0.3
0.6
0.9
1.2
1.5
1.8
2.1
2.4
2.7
0
0.2
0.4
0.6
0.8
1
1.2
1.4
–40
°C
0
°C
25
°C
70
°C
125
°C
VS = 2.7 V
IOH – High-Level Output Current – mA
HIGH-LEVEL OUTPUT VOLTAGE
vs
HIGH-LEVEL OUTPUT CURRENT
Figure 10
0
0.3
0.6
0.9
1.2
1.5
1.8
2.1
2.4
2.7
0
0.2
0.4
0.6
0.8
1
1.2
1.4
–40
°C
0
°C
25
°C
125
°C
VS = 2.7 V
70
°C
IOL – Low-Level Output Current – mA
LOW-LEVEL OUTPUT VOLTAGE
vs
LOW-LEVEL OUTPUT CURRENT
Figure 11
0
1
2
3
4
5
6
7
8
02
4
6
8
10
12
14
16
VS – Supply Voltage – V
QUIESCENT CURRENT
vs
SUPPLY VOLTAGE
–40
°C
25
°C
70
°C
125
°C
0
°C
Figure 12
0
1
2
3
4
5
6
7
8
–40 –25–10
5
20 35 50 65 80 95 110 125
16 V
5 V
2.7 V
TA – Free-Air Temperature – °C
QUIESCENT CURRENT
vs
FREE-AIR TEMPERATURE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com