công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

TLV2381 bảng dữ liệu(PDF) 3 Page - Texas Instruments

tên linh kiện TLV2381
Giải thích chi tiết về linh kiện  FAMILY OF MICROPOWER RAIL-TO-RAIL INPUT AND OUTPUT OPERATIONAL AMPLIFIERS
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI1 [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI1 - Texas Instruments

TLV2381 bảng dữ liệu(HTML) 3 Page - Texas Instruments

  TLV2381_15 Datasheet HTML 1Page - Texas Instruments TLV2381_15 Datasheet HTML 2Page - Texas Instruments TLV2381_15 Datasheet HTML 3Page - Texas Instruments TLV2381_15 Datasheet HTML 4Page - Texas Instruments TLV2381_15 Datasheet HTML 5Page - Texas Instruments TLV2381_15 Datasheet HTML 6Page - Texas Instruments TLV2381_15 Datasheet HTML 7Page - Texas Instruments TLV2381_15 Datasheet HTML 8Page - Texas Instruments TLV2381_15 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
TLV2381
TLV2382
SLOS377A – SEPTEMBER 2001– REVISED JULY 2003
3
www.ti.com
recommended operating conditions
MIN
MAX
UNIT
Supply voltage, (VS)
Dual supply
±1.35
±8
V
Supply voltage, (VS)
Single supply
2.7
16
V
Input common-mode voltage range
–0.2
VS+0.2
V
Operating free air temperature, TA
I-suffix
–40
125
°C
electrical characteristics at recommended operating conditions, VS = 2.7 V, 5 V, and 15 V (unless
otherwise noted)
dc performance
PARAMETER
TEST CONDITIONS
TA†
MIN
TYP
MAX
UNIT
VIO
Input offset voltage
VIC = VS/2,
VO = VS/2
25
°C
0.5
4.5
mV
VIO
Input offset voltage
VIC = VS/2,
VO = VS/2
RL = 100 kΩ
RS = 50 Ω
Full range
6.5
mV
αVIO
Offset voltage drift
RL = 100 kΩ
RS = 50 Ω
25
°C
1.1
µV/°C
CMRR
Common-mode rejection ratio
VIC = 0 V to VS,
V
= 2.7 V
25
°C
54
69
dB
CMRR
Common-mode rejection ratio
VIC = 0 V to VS,
RS = 50 Ω
VS = 2.7 V
Full range
53
dB
CMRR
Common-mode rejection ratio
VIC = 0 V to VS–1.3 V,
VS = 2.7 V
25
°C
71
86
dB
CMRR
Common-mode rejection ratio
VIC = 0 V to VS–1.3 V,
RS = 50 Ω
Full range
70
CMRR
Common-mode rejection ratio
VIC = 0 V to VS,
V
= 5 V
25
°C
58
74
dB
CMRR
Common-mode rejection ratio
VIC = 0 V to VS,
RS = 50 Ω
VS = 5 V
Full range
57
dB
CMRR
Common-mode rejection ratio
VIC = 0 V to VS–1.3 V,
VS = 5 V
25
°C
72
88
dB
VIC = 0 V to VS–1.3 V,
RS = 50 Ω
Full range
70
VIC = 0 V to VS,
V
= 15 V
25
°C
65
80
dB
VIC = 0 V to VS,
RS = 50 Ω
VS = 15 V
Full range
64
dB
VIC = 0 V to VS–1.3 V,
VS = 15 V
25
°C
72
90
dB
VIC = 0 V to VS–1.3 V,
RS = 50 Ω
Full range
70
A
Large-signal differential voltage
V
=V /2,
VS = 2.7 V
25
°C
80
100
dB
A
Large-signal differential voltage
V
=V /2,
VS = 2.7 V
Full range
77
dB
AVD
Large-signal differential voltage
VO(PP)=VS/2,
VS = 5 V
25
°C
80
100
dB
AVD
Large-signal differential voltage
amplification
VO(PP)=VS/2,
RL = 100 kΩ
VS = 5 V
Full range
77
dB
VS = 15 V
25
°C
77
83
VS = 15 V
Full range
74
† Full range is –40°C to 125°C.
input characteristics
PARAMETER
TEST CONDITIONS
TA
MIN
TYP
MAX
UNIT
I
Input offset current
V
= V /2,
V
= V /2,
≤25°C
1
60
pA
IIO
Input offset current
V
= V /2,
V
= V /2,
≤70°C
100
pA
IO
VIC = VS/2,
VO = VS/2,
≤125°C
1000
I
Input bias current
VIC = VS/2,
VO = VS/2,
RL = 100 kΩ ,RS = 50 Ω
≤25°C
1
60
pA
IIB
Input bias current
≤70°C
200
pA
IB
≤125°C
1000
ri(d)
Differential input resistance
25
°C
1000
G
CIC
Common-mode input capacitance
f = 1 kHz
25
°C
8
pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com