công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

TLV2381 bảng dữ liệu(PDF) 4 Page - Texas Instruments

tên linh kiện TLV2381
Giải thích chi tiết về linh kiện  FAMILY OF MICROPOWER RAIL-TO-RAIL INPUT AND OUTPUT OPERATIONAL AMPLIFIERS
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI1 [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI1 - Texas Instruments

TLV2381 bảng dữ liệu(HTML) 4 Page - Texas Instruments

  TLV2381_15 Datasheet HTML 1Page - Texas Instruments TLV2381_15 Datasheet HTML 2Page - Texas Instruments TLV2381_15 Datasheet HTML 3Page - Texas Instruments TLV2381_15 Datasheet HTML 4Page - Texas Instruments TLV2381_15 Datasheet HTML 5Page - Texas Instruments TLV2381_15 Datasheet HTML 6Page - Texas Instruments TLV2381_15 Datasheet HTML 7Page - Texas Instruments TLV2381_15 Datasheet HTML 8Page - Texas Instruments TLV2381_15 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
TLV2381
TLV2382
SLOS377A – SEPTEMBER 2001– REVISED JULY 2003
4
www.ti.com
electrical characteristics at recommended operating conditions, VS = 2.7 V, 5 V, and 15 V (unless
otherwise noted) (continued)
power supply
PARAMETER
TEST CONDITIONS
TA†
MIN
TYP
MAX
UNIT
IDD
Supply current (per channel)
VO = VS/2
25
°C
7
10
µA
IDD
Supply current (per channel)
VO = VS/2
Full range
15
µA
PSRR
Power supply rejection ratio (
∆VS/∆VIO)
VS = 2.7 V to 16V,
No load,
25
°C
74
82
dB
PSRR
Power supply rejection ratio (
∆VS/∆VIO)
VS = 2.7 V to 16V,
VIC = VS/2 V
No load,
Full range
70
dB
† Full range is –40°C to 125°C for I suffix.
output characteristics
PARAMETER
TEST CONDITIONS
TA†
MIN
TYP
MAX
UNIT
V
Output voltage swing from rail
V
= V /2,
VS = 2.7 V
25
°C
200
160
mV
V
Output voltage swing from rail
V
= V /2,
VS = 2.7 V
Full range
220
mV
V
Output voltage swing from rail
VIC = VS/2,
VS = 5 V
25
°C
120
85
mV
V
Output voltage swing from rail
VIC = VS/2,
IO = 100 µA
VS = 5 V
Full range
200
mV
VO
Output voltage swing from rail
VS = 15 V
25
°C
120
50
VO
Output voltage swing from rail
VS = 15 V
Full range
150
V
= V /2,
VS = 5 V
25
°C
800
420
mV
VIC = VS/2,
VS = 5 V
Full range
900
mV
VIC = VS/2,
IO = 500 µA
VS = 15 V
25
°C
400
200
mV
VS = 15 V
Full range
500
IO
Output current
VO = 0.5 V from rail
VS = 2.7 V
25
°C
400
µA
† Full range is –40°C to 125°C for I suffix.
dynamic performance
PARAMETER
TEST CONDITIONS
TA
MIN
TYP
MAX
UNIT
GBP
Gain bandwidth product
RL = 100 kΩ , CL = 10 pF, f = 1 kHz
25
°C
160
kHz
SR
Slew rate at unity gain
VO(pp) = 2 V,
RL = 100 kΩ
25
°C
0.06
V/ s
SR
Slew rate at unity gain
VO(pp) = 2 V,
RL = 100 kΩ,
CL = 10 pF
–40
°C
0.05
V/
µs
CL = 10 pF
125
°C
0.08
φM
Phase margin
RL = 100 kΩ,
CL = 50 pF
25
°C
62
°
Gain margin
RL = 100 kΩ,
CL = 50 pF
25
°C
6.7
dB
ts
Settling time (0.1%)
V(STEP)pp = 1 V, AV = –1,
Rise
25
°C
31
µs
ts
Settling time (0.1%)
V(STEP)pp = 1 V, AV = –1,
CL = 10 pF,
RL = 100 kΩ
Fall
25
°C
61
µs
noise/distortion performance
PARAMETER
TEST CONDITIONS
TA
MIN
TYP
MAX
UNIT
Vn
Equivalent input noise voltage
f = 1 kHz
25
°C
90
nV/
√Hz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com