| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
LM317S/NOPB bảng dữ liệu(PDF) 36 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
LM317S/NOPB bảng dữ liệu(HTML) 36 Page - Texas Instruments |
|
36 / 48 page ![]() PACKAGE OPTION ADDENDUM www.ti.com 19-Jul-2016 Addendum-Page 1 PACKAGING INFORMATION Orderable Device Status (1) Package Type Package Drawing Pins Package Qty Eco Plan (2) Lead/Ball Finish (6) MSL Peak Temp (3) Op Temp (°C) Device Marking (4/5) Samples LM117H ACTIVE TO NDT 3 500 Green (RoHS & no Sb/Br) Call TI Level-1-NA-UNLIM -55 to 150 ( LM117HP+ ~ LM117HP+) LM117H/NOPB ACTIVE TO NDT 3 500 Green (RoHS & no Sb/Br) Call TI Level-1-NA-UNLIM -55 to 150 ( LM117HP+ ~ LM117HP+) LM117K STEEL ACTIVE TO-3 NDS 2 50 TBD Call TI Call TI -55 to 150 LM117K STEELP+ LM117K STEEL/NOPB ACTIVE TO-3 NDS 2 50 Green (RoHS & no Sb/Br) Call TI Level-1-NA-UNLIM -55 to 150 LM117K STEELP+ LM317EMP NRND SOT-223 DCY 4 1000 TBD Call TI Call TI 0 to 125 N01A LM317EMP/NOPB ACTIVE SOT-223 DCY 4 1000 Green (RoHS & no Sb/Br) CU SN Level-1-260C-UNLIM 0 to 125 N01A LM317EMPX/NOPB ACTIVE SOT-223 DCY 4 2000 Green (RoHS & no Sb/Br) CU SN Level-1-260C-UNLIM 0 to 125 N01A LM317H ACTIVE TO NDT 3 500 Green (RoHS & no Sb/Br) Call TI Level-1-NA-UNLIM 0 to 125 ( LM317HP+ ~ LM317HP+) LM317H/NOPB ACTIVE TO NDT 3 500 Green (RoHS & no Sb/Br) Call TI Level-1-NA-UNLIM 0 to 125 ( LM317HP+ ~ LM317HP+) LM317K STEEL ACTIVE TO-3 NDS 2 50 TBD Call TI Call TI 0 to 125 LM317K STEELP+ LM317K STEEL/NOPB ACTIVE TO-3 NDS 2 50 Green (RoHS & no Sb/Br) Call TI Level-1-NA-UNLIM 0 to 125 LM317K STEELP+ LM317MDT/NOPB ACTIVE TO-252 NDP 3 75 Green (RoHS & no Sb/Br) CU SN Level-2-260C-1 YEAR 0 to 125 LM317 MDT LM317MDTX/NOPB ACTIVE TO-252 NDP 3 2500 Green (RoHS & no Sb/Br) CU SN Level-2-260C-1 YEAR 0 to 125 LM317 MDT LM317S/NOPB ACTIVE DDPAK/ TO-263 KTT 3 45 Pb-Free (RoHS Exempt) CU SN Level-3-245C-168 HR 0 to 125 LM317S P+ LM317SX/NOPB ACTIVE DDPAK/ TO-263 KTT 3 500 Pb-Free (RoHS Exempt) CU SN Level-3-245C-168 HR 0 to 125 LM317S P+ LM317T NRND TO-220 NDE 3 45 TBD Call TI Call TI LM317T P+ LM317T/LF01 ACTIVE TO-220 NDG 3 45 Pb-Free (RoHS Exempt) CU SN Level-4-260C-72 HR LM317T P+ LM317T/NOPB ACTIVE TO-220 NDE 3 45 Green (RoHS & no Sb/Br) CU SN Level-1-NA-UNLIM 0 to 125 LM317T P+ |