| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
VT82C596B bảng dữ liệu(PDF) 60 Page - List of Unclassifed Manufacturers |
|
|
|||||||||||||||||||||||||||||
VT82C596B bảng dữ liệu(HTML) 60 Page - List of Unclassifed Manufacturers |
|
60 / 96 page ![]() VT82C596B Revision 0.3 June 17, 1999 -54- Function 1 Registers - Enhanced IDE Controller 7HFKQRORJLHV ,QF :H &RQQHFW :H &RQQHFW Offset 83-80 – Primary S/G Descriptor Address ............RW Offset 8B-88 – Secondary S/G Descriptor Address ........RW IDE I/O Registers These registers are compliant with the SFF 8038I v1.0 standard. Refer to the SFF 8038I v1.0 specification for further details. I/O Offset 0 - Primary Channel Command I/O Offset 2 - Primary Channel Status I/O Offset 4-7 - Primary Channel PRD Table Address I/O Offset 8 - Secondary Channel Command I/O Offset A - Secondary Channel Status I/O Offset C-F - Secondary Channel PRD Table Address |