| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
VT82C596B bảng dữ liệu(PDF) 31 Page - List of Unclassifed Manufacturers |
|
|
|||||||||||||||||||||||||||||
VT82C596B bảng dữ liệu(HTML) 31 Page - List of Unclassifed Manufacturers |
|
31 / 96 page ![]() VT82C596B Revision 0.3 June 17, 1999 -25- Register Overview 7HFKQRORJLHV ,QF :H &RQQHFW :H &RQQHFW PCI Function 2 Registers – USB Controller Configuration Space USB Header Registers Offset PCI Configuration Space Header Default Acc 1-0 Vendor ID 1106 RO 3-2 Device ID 3038 RO 5-4 Command 0000 RW 7-6 Status 0200 WC 8 Revision ID nn RO 9 Programming Interface 00 RO A Sub Class Code 03 RO B Base Class Code 0C RO C Cache Line Size 00 RO D Latency Timer 16 RW E Header Type 00 RO FBIST 00 RO 10-1F -reserved- 00 — 23-20 Base Address 00000301 RW 24-3B -reserved- 00 — 3C Interrupt Line 00 RW 3D Interrupt Pin 04 RO 3E-3F -reserved- 00 — Configuration Space USB-Specific Registers Offset USB Control Default Acc 40 Miscellaneous Control 1 00 RW 41 Miscellaneous Control 2 00 RW 42-43 -reserved- 00 RO 44-45 -reserved- (test only, do not program) RW 46-47 -reserved- (test) RO 48-5F -reserved- 00 — 60 Serial Bus Release Number 10 RO 61-BF -reserved- 00 — C1-C0 Legacy Support 2000 RW C2-FF -reserved- 00 — I/O Registers – USB Controller Offset USB I/O Registers Default Acc 1-0 USB Command 0000 RW 3-2 USB Status 0000 WC 5-4 USB Interrupt Enable 0000 RW 7-6 Frame Number 0000 RW B-8 Frame List Base Address 00000000 RW C Start Of Frame Modify 40 RW 11-10 Port 1 Status / Control 0080 WC 13-12 Port 2 Status / Control 0080 WC |