| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
VT82C596B bảng dữ liệu(PDF) 55 Page - List of Unclassifed Manufacturers |
|
|
|||||||||||||||||||||||||||||
VT82C596B bảng dữ liệu(HTML) 55 Page - List of Unclassifed Manufacturers |
|
55 / 96 page ![]() VT82C596B Revision 0.3 June 17, 1999 -49- Function 1 Registers - Enhanced IDE Controller 7HFKQRORJLHV ,QF :H &RQQHFW :H &RQQHFW IDE-Controller-Specific Confiiguration Registers Offset 40 - Chip Enable.....................................................RW 7-4 Reserved ........................................ always reads 0 3-2 Reserved (Do Not Program)...........R/W, default = 0 1 Primary Channel Enable........ default = 0 (disabled) 0 Secondary Channel Enable .... default = 0 (disabled) Offset 41 - IDE Configuration..........................................RW 7 Primary IDE Read Prefetch Buffer 0 Disable ...................................................default 1Enable 6 Primary IDE Post Write Buffer 0 Disable ...................................................default 1Enable 5 Secondary IDE Read Prefetch Buffer 0 Disable ...................................................default 1Enable 4 Secondary IDE Post Write Buffer 0 Disable ...................................................default 1Enable 3 Reserved (Do Not Change)........................ default=0 2 Reserved (Do Not Change)........................ default=1 1 Reserved (Do Not Change)........................ default=1 0 Reserved (Do Not Change)........................ default=0 Offset 42 - Reserved (Do Not Program) ..........................RW 7-2 Reserved ........................................ always reads 0 1-0 Reserved (Do Not Program).................... default = 0 Offset 43 - FIFO Configuration....................................... RW 7-4 Reserved ........................................ always reads 0 3-2 Threshold for Primary Channel 00 1 01 1/4 10 1/2 .................................................... default 11 3/4 1-0 Threshold for Secondary Channel 00 1 01 1/4 10 1/2 .................................................... default 11 3/4 |