| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
CS5530 bảng dữ liệu(PDF) 21 Page - National Semiconductor (TI) |
|
|
|
|||||||||||||||||||||||||||||
CS5530 bảng dữ liệu(HTML) 21 Page - National Semiconductor (TI) |
|
21 / 241 page ![]() Revision 4.1 21 www.national.com Signal Definitions (Continued) Notes: 1) See Table 2-1 on page 13 for pin type definitions. 2) See Table 5-6 "DC Characteristics (at Recommended Operating Conditions)" on page 228 for more informa- tion. IBUF refers to input buffer. VID_DATA7 IIBUF C12 VID_RDY O8 mA B10 VID_VAL IIBUF B7 VREF I, Analog -- T1 VSS GND -- D12 VSS GND -- D13 VSS GND -- D16 VSS GND -- AA23 VSS GND -- AA4 VSS GND -- AC12 VSS GND -- AC13 VSS GND -- AC16 VSS GND -- AC18 VSS GND -- AC23 VSS GND -- AC4 VSS GND -- AC5 VSS GND -- AC9 VSS GND -- AD20 VSS GND -- C18 VSS GND -- C21 VSS GND -- D19 VSS GND -- D20 VSS GND -- D22 VSS GND -- D23 VSS GND -- D4 VSS GND -- D8 VSS GND -- E23 VSS GND -- E4 VSS GND -- F23 VSS GND -- G23 Signal Name Pin Type (Note 1) Buffer Type (Note 2) Pin No. Limited ISA Mode ISA Master Mode VSS GND -- H23 VSS GND -- H4 VSS GND -- J23 VSS GND -- K23 VSS GND -- K4 VSS GND -- M24 VSS GND -- M3 VSS GND -- N3 VSS GND -- P23 VSS GND -- V23 VSS GND -- W23 VSS GND -- W4 VSS GND -- Y4 VSYNC IIBUF B5 VSYNC_OUT O16 mA N2 ZEROWS# I, 5VT IBUF AF10 Signal Name Pin Type (Note 1) Buffer Type (Note 2) Pin No. Limited ISA Mode ISA Master Mode Table 2-3. 352 TBGA Pin Assignments - Sorted Alphabetically by Signal Name (Continued) |