công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

SBS4-LED3 bảng dữ liệu(PDF) 122 Page - Lumberg

tên linh kiện SBS4-LED3
Giải thích chi tiết về linh kiện  Connectors & Components for Automation Technology
PDF  178 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  LUMBERG [Lumberg]
Trang chủ  http://www.lumberg.com
Logo LUMBERG - Lumberg

SBS4-LED3 bảng dữ liệu(HTML) 122 Page - Lumberg

Back Button SBS4-LED3 Datasheet HTML 118Page - Lumberg SBS4-LED3 Datasheet HTML 119Page - Lumberg SBS4-LED3 Datasheet HTML 120Page - Lumberg SBS4-LED3 Datasheet HTML 121Page - Lumberg SBS4-LED3 Datasheet HTML 122Page - Lumberg SBS4-LED3 Datasheet HTML 123Page - Lumberg SBS4-LED3 Datasheet HTML 124Page - Lumberg SBS4-LED3 Datasheet HTML 125Page - Lumberg SBS4-LED3 Datasheet HTML 126Page - Lumberg Next Button
Zoom Inzoom in Zoom Outzoom out
 122 / 178 page
background image
1-717-217-2299
www.lumberg-automationusa.com
122
Profibus
Profibus-DP-Devices, 8 IN/4 OUT | 8 IN/8 OUT, Addressing Tools
FWD 5
FWD 5
FWD 5
FWD 5
FWD 5
0970 PSL 123
0970 PSL 214
0903 UTL 101
0973 PTL 201
0973 PTL 202
Part No.
0970 PSL 123
Part No.
0970 PSL 214
Part No.
0903 UTL 101
Part No.
0973 PTL 201
Part No.
0973 PTL 202
8 IN/8 OUT
Profibus-DP-Device with 8 Digital Inputs to
Connect Standard Sensors and 8 Digital Outputs
(0.5 A) to Connect Standard Actuators, M12 Sockets,
Rotary Switches for Addressing, M12-Bus Connection
and M23-Systems-/Actuator Supply.
8 IN/8 OUT
Profibus-DP-Device with 8 Digital Inputs to
Connect Standard Sensors and 8 Digital Outputs
(0.5 A) to Connect Standard Actuators, M12 Sockets,
Rotary Switches for Addressing, M23-Bus Connection
and M23-Actuator Supply.
Handheld Addressing Device for Bus Users of the
Profibus Standard Series, Addressing via M12-I/O
Connection (channel 8) of the Modules.
Addressing Tool for Bus Users of the Lumberg
Automation Standard Series, Addressing via M23-Bus
Connection of the Modules.
Addressing Tool for Bus Users of the Lumberg
Automation Standard Series, Addressing via M23-Bus
Connection of the Modules.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More