| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
SBS4-LED3 bảng dữ liệu(PDF) 52 Page - Lumberg |
|
|
|||||||||||||||||||||||||||||
SBS4-LED3 bảng dữ liệu(HTML) 52 Page - Lumberg |
|
52 / 178 page ![]() 1-717-217-2299 www.lumberg-automationusa.com 52 M12-Duo-Male - 2xM12-Male/Female T-Splitter, 3-Pole, with Two Female Connectors, Self-Locking Threaded Joint, with Home Run Cable, IP 67 Rated. Cable Types: 225 = PUR, halogen-free, black M12-Male - 2xM8 Female T-Splitter, 3-Poles, with One M12 Male and Two M8 Female Connectors, Self-Locking Threaded Joint, IP 67 Rated. M12-Male - 2xM12 Female T-Splitter, 2-Way, 4-Poles with One M12-Male Connector and Two M12-Female Connectors. IP 67 Rated. M12-Male - 2xM12 Female T-Splitter, 3- and 5-Poles with One M12 Male and Two M12 Female Connectors, Self-Locking Threaded Joint, IP 67 Rated. ASBS 2 M12-5 1-1: 1 to 1 wired through ASBSA 2 M12-3: with AND-circuit ZV 2 ASBS 2 M8 ASBS 2 M12-S-2326 | ASBS 2 M12-S-2325 ASBS 2 M12 | ASBSA 2 M12 T-Splitters and Adapters 2-Port-Distributor, M8-T-Distributor, M12-T-Distributor Part No. ZV 2 4-3-225/2 M ZV 2 4-3-225/5 M ZV 2 4-3-225/10 M Part No. ASBS 2 M8 Part No. ASBS 2 M12-S-2326 ASBS 2 M12-S-2325 Part No. ASBSA 2 M12-3 ASBS 2 M12-5S ASBS 2 M12-5 ASBS 2 M12-5 A B ASBS 2 M12-5S A B Wired to work with ASBV distribution Boxes ASBSA 2 M12-3 A B M12 A B M12 A B ASBS 2 M12-S-2326 ASBS 2 M12-S-2325 M12 M8 A M8 B M12 A B |