| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
SBS4-LED3 bảng dữ liệu(PDF) 35 Page - Lumberg |
|
|
|||||||||||||||||||||||||||||
SBS4-LED3 bảng dữ liệu(HTML) 35 Page - Lumberg |
|
35 / 178 page ![]() www.lumberg-automationusa.com 1-717-217-2299 35 M12 Male Straight – M8 Female Snap-In M12 Cordsets, Double Ended, M12 Male Straight with Threaded Connector to M8 Female Straight (Snap-In) 3-Poles and Molded Cable. IP 67 / IP 65 Rated. Cable Types: 224 = PUR, halogen-free, black M12 Male Straight – M8 Female M12 Cordsets, Double Ended, M12 Male Straight to M8 Female Straight with Threaded Connector 3-Poles and Molded Cable. IP 67 Rated. Cable Types: 224 = PUR, halogen-free, black M12 Male Straight – M8 Female (LED) M12 Cordsets, Double Ended, M12 Male Straight to M8 Female Straight with LED, Threaded Connector 3-Poles and Molded Cable. IP 67 Rated. Cable Types: 224 = PUR, halogen-free, black RST-RKM RST-RKMV RST-RKMV/LED Part No. RST 3-RKM 3-224/0,3 M RST 3-RKM 3-224/0,6 M RST 3-RKM 3-224/1 M RST 3-RKM 3-224/1,5 M RST 3-RKM 3-224/2 M RST 3-RKM 3-224/5 M Part No. RST 3-RKMV 3-224/0,3 M RST 3-RKMV 3-224/0,6 M RST 3-RKMV 3-224/1 M RST 3-RKMV 3-224/2 M RST 3-RKMV 3-224/5 M RST 3-RKMV 3-224/1,5 M Part No. RST 3-RKMW/LED A 3-224/0,3 M RST 3-RKMW/LED A 3-224/0,6 M RST 3-RKMW/LED A 3-224/1 M RST 3-RKMW/LED A 3-224/1,5 M RST 3-RKMW/LED A 3-224/2 M RST 3-RKMW/LED A 3-224/5 M M8-Double-Ended Cordsets for Actuators, Sensors and Distribution Boxes Connector Types: M8-M12 and M12-M8 M8 Male Straight – M12 Female 90˚ M8 Cordsets, Double Ended, M8 Male Straight to M12 Female 90˚ with Threaded Connector 3-Poles and Molded Cable. IP 67 Rated. Cable Types: 224 = PUR, halogen-free, black M8 Male Straight – M12 Female 90˚ (LED) M8 Cordsets, Double Ended, M8 Male Straight to M12 Female 90˚ with LED and Threaded Connector 3-Poles and Molded Cable. IP 67 Rated. Cable Types: 224 = PUR, halogen-free, black RSMV-RKWT RSMV-RKWT/LED Part No. RSMV 3-RKWT 4-3-224/0,6 M RSMV 3-RKWT 4-3-224/1 M RSMV 3-RKWT 4-3-224/2 M Part No. RSMV 3-RKWT/LED A 4-3-224/0,6 M RSMV 3-RKWT/LED A 4-3-224/1 M RSMV 3-RKWT/LED A 4-3-224/2 M Cordsets Double-Ended |