| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
SBS4-LED3 bảng dữ liệu(PDF) 121 Page - Lumberg |
|
|
|||||||||||||||||||||||||||||
SBS4-LED3 bảng dữ liệu(HTML) 121 Page - Lumberg |
|
121 / 178 page ![]() www.lumberg-automationusa.com 1-717-217-2299 121 Profibus Profibus-DP-Devices, 8 OUT | 16 OUT | 8 IN/4 OUT FWD 5 FWD 5 FWD 5 FWD 5 0970 PSL 210 0970 PSL 124 0970 PSL 215 0970 PSL 113 Part No. 0970 PSL 210 Part No. 0970 PSL 124 Part No. 0970 PSL 215 Part No. 0970 PSL 113 8 OUT Profibus-DP-Device with 8 Digital Outputs to Connect Standard Actuators, M12 Sockets, Rotary Switches for Addressing, M23-Bus Connection and M23-Actuator Supply. 16 OUT Profibus-DP-Device with 16 Digital Outputs (0.5 A) to Connect Standard Actuators, M12 Sockets, Rotary Switches for Addressing, M12-Bus Connection and M23-Systems-/Actuator Supply. 16 OUT Profibus-DP-Device with 16 Digital Outputs (0.5 A) to Connect Standard Actuators, M12 Sockets, Rotary Switches for Addressing, M23-Bus Connection and M23-Actuator Supply. 8 IN/4 OUT Profibus-DP-Device with 8 Digital Inputs to Connect Standard Sensors and 4 Digital Outputs to Connect Standard Actuators, M12 Sockets, Rotary Switches for Addressing, M12-Bus Connection and M23-Power Supply. FWD 5 0970 PSL 211 Part No. 0970 PSL 211 8 IN/4 OUT Profibus-DP-Device with 8 Digital Outputs to Connect Standard Actuators, M12 Sockets, Rotary Switches for Addressing, M12 Bus Connection and M23-Power Supply. Profibus |