| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
MB91F528Y bảng dữ liệu(PDF) 22 Page - SPANSION |
|
|
|||||||||||||||||||||||||||||
MB91F528Y bảng dữ liệu(HTML) 22 Page - SPANSION |
|
22 / 241 page ![]() D a t a S h e e t March 28, 2014, MB91F528_DS705-00016-1v0-E 19 CONFIDENTIAL PIN DESCRIPTION Pin Number Pin Name I/O circuit type * 1 Function * 2 144 176 208 BGA 416 - - - D3 P240 - A General-purpose I/O port - - - E4 P241 - A General-purpose I/O port 2 2 2 C1 P015 - R General-purpose I/O port D29 - External Bus data bit29 I/O pin TRG0_0 - PPG trigger 0 input pin(0) 3 3 3 D1 P016 - R General-purpose I/O port D30 - External Bus data bit30 I/O pin TRG1_0 - PPG trigger 1 input pin(0) - 4 4 E3 P170 - A General-purpose I/O port PPG36_1 - PPG ch.36 output pin(1) 4 5 5 D2 P017 - R General-purpose I/O port D31 - External Bus data bit31 I/O pin TRG2_0 - PPG trigger 2 input pin(0) - 6 6 F4 P171 - A General-purpose I/O port PPG37_1 - PPG ch.37 output pin(1) - - - G4 P242 - A General-purpose I/O port TRG16_0 - PPG trigger 16 input pin(0) - - - H4 P243 - A General-purpose I/O port TRG17_0 - PPG trigger 17 input pin(0) 5 7 7 E1 P020 - F General-purpose I/O port ASX - External Bus address strobe output pin SIN3_1 - Multi-function serial ch.3 serial data input pin(1) TRG3_0 - PPG trigger 3 input pin(0) TIN0_2 - Reload timer ch.0 event input pin(2) RTO5_1 - Waveform generator ch.5 output pin(1) 6 8 8 E2 P021 - A General-purpose I/O port CS0X - External Bus chip select 0 output pin SOT3_1 - Multi-function serial ch.3 serial data output pin(1) TRG6_1 - PPG trigger 6 input pin(1) TRG4_0 - PPG trigger 4 input pin(0) 7 9 9 F1 P022 - F General-purpose I/O port CS1X - External Bus chip select 1 output pin SCK3_1 - Multi-function serial ch.3 clock I/O pin(1) TRG7_1 - PPG trigger 7 input pin(1) TRG5_0 - PPG trigger 5 input pin(0) 8 10 10 F2 P023 - A General-purpose I/O port RDX - External Bus read strobe output pin SCS3_1 - Serial chip select 3 I/O pin(1) PPG32_0 - PPG ch.32 output pin(0) TIN0_0 - Reload timer ch.0 event input pin(0) - - - J3 P244 - A General-purpose I/O port PPG64_0 - PPG ch.64 output pin(0) |