| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
MB91F528Y bảng dữ liệu(PDF) 26 Page - SPANSION |
|
|
|||||||||||||||||||||||||||||
MB91F528Y bảng dữ liệu(HTML) 26 Page - SPANSION |
|
26 / 241 page ![]() D a t a S h e e t March 28, 2014, MB91F528_DS705-00016-1v0-E 23 CONFIDENTIAL Pin Number Pin Name I/O circuit type * 1 Function * 2 144 176 208 BGA 416 23 29 33 T2 P040 - A General-purpose I/O port A10 - External Bus address bit10 output pin PPG23_1 - PPG ch.23 output pin(1) TOT7_0 - Reload timer ch.7 output pin(0) AIN1_0 - U/D counter ch.1 AIN input pin(0) SIN0_1 - Multi-function serial ch.0 serial data input pin(1) 24 30 34 U1 P041 - I General-purpose I/O port A11 - External Bus address bit11 output pin SIN9_0 - Multi-function serial ch.9 serial data input pin(0) ICU9_1 - Input capture ch.9 input pin(1) BIN1_0 - U/D counter ch.1 BIN input pin(0) INT12_0 - INT12 external interrupt input pin(0) 25 31 35 U2 P042 - B General-purpose I/O port A12 - External Bus address bit12 output pin SOT9_0 - Multi-function serial ch.9 serial data output pin(0) AN47 - ADC analog 47 input pin ICU8_1 - Input capture ch.8 input pin(1) TRG0_1 - PPG trigger 0 input pin(1) ZIN1_0 - U/D counter ch.1 ZIN input pin(0) 26 32 36 V1 P043 - A General-purpose I/O port A13 - External Bus address bit13 output pin ICU7_1 - Input capture ch.7 input pin(1) TRG1_1 - PPG trigger 1 input pin(1) 27 33 37 V2 P044 - A General-purpose I/O port A14 - External Bus address bit14 output pin SCS9_0 - Serial chip select 9 I/O pin(0) ICU6_1 - Input capture ch.6 input pin(1) TRG2_1 - PPG trigger 2 input pin(1) 28 34 38 W1 P045 - G General-purpose I/O port A15 - External Bus address bit15 output pin SCK9_0 - Multi-function serial ch.9 clock I/O pin(0) AN46 - ADC analog 46 input pin ICU5_1 - Input capture ch.5 input pin(1) TRG3_1 - PPG trigger 3 input pin(1) TOT1_2 - Reload timer ch.1 output pin(2) - - 39 V3 P204 - Q General-purpose I/O port SCK13_0/SCL13 - Multi-function serial ch.13 clock I/O pin(0)/ I 2C bus serial clock I/O pin AN59 - ADC analog 59 input pin PPG48_0 - PPG ch.48 output pin(0) |