| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
MB91F528Y bảng dữ liệu(PDF) 43 Page - SPANSION |
|
|
|||||||||||||||||||||||||||||
MB91F528Y bảng dữ liệu(HTML) 43 Page - SPANSION |
|
43 / 241 page ![]() D a t a S h e e t 40 MB91F528_DS705-00016-1v0-E, March 28, 2014 CONFIDENTIAL Pin Number Pin Name I/O circuit type * 1 Function * 2 144 176 208 BGA 416 - - - C6 P294 - A General-purpose I/O port PPG86_0 - PPG ch.86 output pin(0) - - - C5 P295 - A General-purpose I/O port PPG87_0 - PPG ch.87 output pin(0) - 173 205 D6 P167 - A General-purpose I/O port PPG35_1 - PPG ch.35 output pin(1) - - - C4 P296 - A General-purpose I/O port - - - D5 P297 - A General-purpose I/O port 142 174 206 B5 P013 - R General-purpose I/O port D27 - External Bus data bit27 I/O pin TIOA1_0 - Base timer ch.1 TIOA I/O pin(0) 143 175 207 A4 P014 - R General-purpose I/O port D28 - External Bus data bit28 I/O pin TIOB1_0 - Base timer ch.1 TIOB input pin(0) 40 50 58 AF4 AVCC1 - - A/D, D/A converter unit1 analog power supply pin 84 103 122 T26 AVCC0 - - A/D, D/A converter unit0 analog power supply pin 42 52 60 AF5 AVRH1 - - A/D converter unit1 upper limit reference voltage pin 83 102 121 U26 AVRH0 - - A/D converter unit0 upper limit reference voltage pin 43 53 61 - AVSS1/AVRL1 - - A/D, D/A converter unit1 GND/ A/D converter unit1 lower limit reference voltage pin - - - AF7 AVSS1 - - A/D, D/A converter unit1 GND - - - AF6 AVRL1 - - A/D converter unit1 lower limit reference voltage pin 82 101 120 - AVSS0/AVRL0 - - A/D, D/A converter unit0 GND/ A/D converter unit0 lower limit reference voltage pin - - - W26 AVSS0 - - A/D, D/A converter unit0 GND - - - V26 AVRL0 - - A/D converter unit0 lower limit reference voltage pin 130 158 186 A13 C - - External capacity connection output pin - - 63 AF10 VCC - - Power supply (1) 45 55 104 AF11 72 88 134 AE10 109 133 157 AE11 124 152 180 AE24 - - - AF24 - - - N25 - - - N26 - - - A24 - - - B24 - - - A14 - B14 |