| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
MB91F528Y bảng dữ liệu(PDF) 47 Page - SPANSION |
|
|
|||||||||||||||||||||||||||||
MB91F528Y bảng dữ liệu(HTML) 47 Page - SPANSION |
|
47 / 241 page ![]() D a t a S h e e t 44 MB91F528_DS705-00016-1v0-E, March 28, 2014 CONFIDENTIAL Type Circuit Remarks E - I 2C,General-purpose I/O port - Output 3mA - Pull-up resistor control 50kΩ - I 2C hysteresis input F - General-purpose I/O port - Output 4mA - Pull-up resistor control 50kΩ - CMOS hysteresis input G - Analog input, General-purpose I/O port - Output 4mA - Pull-up resistor control 50kΩ - CMOS hysteresis input H - Analog input, General-purpose I/O port - Output 12mA - Pull-up resistor control 50kΩ - Automotive input Pull-up control Digital output Digital output Automotive input Standby control Analog input Pull-up control Digital output Digital output CMOS-hys input Standby control Analog input Pull-up control Digital output Digital output CMOS-hys input Standby control Pull-up control Digital output Digital output I 2C input Standby control |