| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
MB9B110T bảng dữ liệu(PDF) 13 Page - SPANSION |
|
|
|||||||||||||||||||||||||||||
MB9B110T bảng dữ liệu(HTML) 13 Page - SPANSION |
|
13 / 129 page ![]() D a t a S h e e t 10 MB9B110T-DS706-00016-3v0-E, February 10, 2015 CONFIDENTIAL BGA-192P-M06 (TOP VIEW) 1 2 3 4 5 6 7 8 9 10 11 12 13 14 A P81 P80 VCC VSS PCD PCB VSS VCC PC8 VSS TCK VCC B VSS PA0 PF5 PF3 P61 PD1 PCA PC1 P95 P92 TDO TMS TRSTX VSS C VCC PA1 PA2 PF4 P60 PD2 PCC PC5 PC0 P93 P90 TDI PF6 P83 D PA5 PA4 P05 P06 PA3 PD3 PCE PC6 PC2 P94 P91 P21 P20 P82 E VSS P07 P08 P09 P50 P62 PCF PC7 PC3 P25 P24 P23 P22 VCC F P51 P52 P53 P54 P55 P56 PD0 PC9 PC4 P29 P28 P27 P26 VSS G VSS P57 P58 P59 P5A P5B VSS VSS PB7 PB6 PB5 PB4 PB3 AVSS H P5C P5D P30 P31 P32 P33 VSS VSS P1F P1E PB2 PB1 PB0 AVRH J VSS P37 P36 P35 P34 P70 VSS P76 P1D P1C P1B P1A P19 AVCC K P38 P39 P3A P3B P4A P4E VSS P74 P7B P7F P18 P16 P15 P17 L P3C P3D P3E P43 P49 P4D VSS P73 P7A P7E P14 P13 P12 VSS M VSS P3F P42 P44 P48 P4C VSS P72 P79 PF0 PF2 P11 P10 VCC N VCC P40 P41 P45 INITX P4B VSS P71 P78 P7D PF1 MD0 MD1 VSS P C VSS VCC X0A X1A VSS P75 P77 P7C VSS X0 X1 <Note> The number after the underscore ("_") in pin names such as XXX_1 and XXX_2 indicates the relocated port number. For these pins, there are multiple pins that provide the same function for the same channel. Use the extended port function register (EPFR) to select the pin. TIOA09_0, TIOA09_1, and TIOA09_2 cannot be used as the external startup trigger input (TGIN signal) at I/O mode 1 (timer full mode) of the Base Timer. See "●Base Timer" in "Handling Devices" for details. |