| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
MB9B110T bảng dữ liệu(PDF) 12 Page - SPANSION |
|
|
|||||||||||||||||||||||||||||
MB9B110T bảng dữ liệu(HTML) 12 Page - SPANSION |
|
12 / 129 page ![]() D a t a S h e e t February 10, 2015, MB9B110T-DS706-00016-3v0-E 9 CONFIDENTIAL FPT-144P-M08 (TOP VIEW) VCC 1 108 VSS PA0/RTO20_0/TIOA08_0/FRCK1_0 2 107 P83 PA1/RTO21_0/TIOA09_0/IC10_0 3 106 P82 PA2/RTO22_0/TIOA10_0/IC11_0 4 105 VCC PA3/RTO23_0/TIOA11_0/IC12_0 5 104 PF6/FRCK2_0/NMIX PA4/RTO24_0/TIOA12_0/IC13_0/INT03_0 6 103 P20/INT05_0/CROUT_0/AIN1_1/MAD18_0 PA5/RTO25_0/TIOA13_0/INT10_2 7 102 P21/SIN0_0/INT06_1/BIN1_1 P05/TRACED0/TIOA05_2/SIN4_2/INT00_1 8 101 P22/AN31/SOT0_0/TIOB07_1/ZIN1_1 P06/TRACED1/TIOB05_2/SOT4_2/INT01_1 9 100 P23/AN30/SCK0_0/TIOA07_1/RTO00_1 P07/TRACED2/ADTG_0/SCK4_2 10 99 P24/AN29/SIN2_1/INT01_2/RTO01_1/MAD17_0 P08/TRACED3/TIOA00_2/CTS4_2 11 98 P25/AN28/SOT2_1/RTO02_1/MAD16_0 P09/TRACECLK/TIOB00_2/RTS4_2/DTTI2X_0 12 97 P26/AN27/SCK2_1/RTO03_1/MAD15_0 P50/INT00_0/AIN0_2/SIN3_1/RTO10_0/IC20_0/MOEX_0 13 96 P27/AN26/INT02_2/RTO04_1/MAD14_0 P51/INT01_0/BIN0_2/SOT3_1/RTO11_0/IC21_0/MWEX_0 14 95 P28/AN25/ADTG_4/INT09_0/RTO05_1/MAD13_0 P52/INT02_0/ZIN0_2/SCK3_1/RTO12_0/IC22_0/MDQM0_0 15 94 P29/AN24/MAD12_0 P53/SIN6_0/TIOA01_2/INT07_2/RTO13_0/IC23_0/MDQM1_0 16 93 VSS P54/SOT6_0/TIOB01_2/RTO14_0/MALE_0 17 92 AVSS P55/SCK6_0/ADTG_1/RTO15_0/MRDY_0 18 91 AVRH P56/SIN1_0/INT08_2/TIOA09_2/DTTI1X_0/MNALE_0 19 90 AVCC P57/SOT1_0/TIOB09_2/INT16_1/MNCLE_0 20 89 P1F/AN15/ADTG_5/INT29_1/TIOB15_2/FRCK0_1/MAD11_0 P58/SCK1_0/TIOA11_2/INT17_1/MNWEX_0 21 88 P1E/AN14/RTS4_1/INT28_1/TIOA15_2/DTTI0X_1/MAD10_0 P59/SIN7_0/TIOB11_2/INT09_2/MNREX_0 22 87 P1D/AN13/CTS4_1/INT27_1/TIOB14_2/IC03_1/MAD09_0 P5A/SOT7_0/TIOA13_1/INT18_1/MCSX0_0 23 86 P1C/AN12/SCK4_1/INT26_1/TIOA14_2/IC02_1/MAD08_0 P5B/SCK7_0/TIOB13_1/INT19_1/MCSX1_0 24 85 P1B/AN11/SOT4_1/INT25_1/TIOB13_2/IC01_1/MAD07_0 VSS 25 84 P1A/AN10/SIN4_1/INT05_1/TIOA13_2/IC00_1/MAD06_0 P36/IC02_0/SIN5_2/INT09_1/TIOA12_2/MCSX2_0 26 83 P19/AN09/SCK2_2/INT22_1/MAD05_0 P37/IC01_0/SOT5_2/INT10_1/TIOB12_2/MCSX3_0 27 82 P18/AN08/SOT2_2/INT21_1/MAD04_0 P38/IC00_0/SCK5_2/INT11_1/MCLKOUT_0 28 81 P17/AN07/SIN2_2/INT04_1/MAD03_0 P39/DTTI0X_0/ADTG_2 29 80 P16/AN06/SCK0_1/INT20_1/MAD02_0 P3A/RTO00_0/TIOA00_1 30 79 P15/AN05/SOT0_1/IC03_2/MAD01_0 P3B/RTO01_0/TIOA01_1 31 78 P14/AN04/SIN0_1/INT03_1/IC02_2/MAD00_0 P3C/RTO02_0/TIOA02_1 32 77 P13/AN03/SCK1_1/IC01_2/MCSX4_0 P3D/RTO03_0/TIOA03_1 33 76 P12/AN02/SOT1_1/IC00_2/MCSX5_0 P3E/RTO04_0/TIOA04_1 34 75 P11/AN01/SIN1_1/INT02_1/FRCK0_2/MCSX6_0 P3F/RTO05_0/TIOA05_1 35 74 P10/AN00/MCSX7_0 VSS 36 73 VCC LQFP - 144 <Note> The number after the underscore ("_") in pin names such as XXX_1 and XXX_2 indicates the relocated port number. For these pins, there are multiple pins that provide the same function for the same channel. Use the extended port function register (EPFR) to select the pin. TIOA09_0, TIOA09_1, and TIOA09_2 cannot be used as the external startup trigger input (TGIN signal) at I/O mode 1 (timer full mode) of the Base Timer. See "●Base Timer" in "Handling Devices" for details. |