| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
TAS5731MPHPR bảng dữ liệu(PDF) 54 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
TAS5731MPHPR bảng dữ liệu(HTML) 54 Page - Texas Instruments |
|
54 / 81 page ![]() TAS5731M SLOS838C – JULY 2013 – REVISED AUGUST 2015 www.ti.com 9.6.16 Input Multiplexer Register (0x20) This register controls the modulation scheme (AD or BD mode) as well as the routing of I2S audio to the internal channels. Table 19. Input Multiplexer Register (0x20) D31 D30 D29 D28 D27 D26 D25 D24 FUNCTION 0 0 0 0 0 0 0 0 Reserved(1) D23 D22 D21 D20 D19 D18 D17 D16 FUNCTION 0 – – – – – – – Channel-1 AD mode(1) 1 – – – – – – – Channel-1 BD mode – 0 0 0 – – – – SDIN-L to channel 1(1) – 0 0 1 – – – – SDIN-R to channel 1 – 0 1 0 – – – – Reserved – 0 1 1 – – – – Reserved – 1 0 0 – – – – Reserved – 1 0 1 – – – – Reserved – 1 1 0 – – – – Ground (0) to channel 1 – 1 1 1 – – – – Reserved – – – – 0 – – – Channel 2 AD mode(1) – – – – 1 – – – Channel 2 BD mode – – – – – 0 0 0 SDIN-L to channel 2 – – – – – 0 0 1 SDIN-R to channel 2(1) – – – – – 0 1 0 Reserved – – – – – 0 1 1 Reserved – – – – – 1 0 0 Reserved – – – – – 1 0 1 Reserved – – – – – 1 1 0 Ground (0) to channel 2 – – – – – 1 1 1 Reserved D15 D14 D13 D12 D11 D10 D9 D8 FUNCTION 0 1 1 1 0 1 1 1 Reserved(1) D7 D6 D5 D4 D3 D2 D1 D0 FUNCTION 0 1 1 1 0 0 1 0 Reserved(1) (1) Default values are in bold. 54 Submit Documentation Feedback Copyright © 2013–2015, Texas Instruments Incorporated Product Folder Links: TAS5731M |