| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
AS0260 bảng dữ liệu(PDF) 31 Page - ON Semiconductor |
|
|
|||||||||||||||||||||||||||||
AS0260 bảng dữ liệu(HTML) 31 Page - ON Semiconductor |
|
31 / 83 page ![]() AS0260 DS Rev. G Pub. 5/15 EN 31 ©Semiconductor Components Industries, LLC, 2015. AS0260: 1/6-Inch 1080P High-Definition (HD) System-On-A-Chip (SOC) Digi- tal Image Sensor Fade to Black Selection The final stage of the gamma flow is the enabling and use of fade to black. The AS0260 IFP allows for the image to fade to black under extreme low-light conditions. This feature enables users to optimize the performance of the sensor under low-light conditions. It minimizes the perception of noise and artifacts while the available illumination is diminishing. This feature has two user set points that reference the brightness of the scene. When the Fade-to-Black starts, it will interpolate to the end point as the light falls until it gets to the end point. When at the end point, the image will be black. ON Semiconductor recommends that cam_ll_start_fade_to_black_luma is set at 10 lux and cam_ll_stop_fade_to_black_luma is set at 5lux, but the actual setting is at the discre- tion of the user. Table 8: Fade-to-Black Selection Variable Name Function VAR(0x0F,0x0002) or (R0xBC02) ll_mode When bit 3=1 this will enable fade to black feature VAR(0x12,0x01DA) or (R0xC9DA) cam_ll_start_fade_to_black_luma Starting point for fade to black to begin VAR(0x12,0x01DC) or (R0xC9DC) cam_ll_stop_fade_to_black_luma End point for fade to black, after this point the image will be black |