công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

AS0260 bảng dữ liệu(PDF) 2 Page - ON Semiconductor

tên linh kiện AS0260
Giải thích chi tiết về linh kiện  Digital Image Sensor
PDF  83 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ONSEMI [ON Semiconductor]
Trang chủ  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

AS0260 bảng dữ liệu(HTML) 2 Page - ON Semiconductor

  AS0260 Datasheet HTML 1Page - ON Semiconductor AS0260 Datasheet HTML 2Page - ON Semiconductor AS0260 Datasheet HTML 3Page - ON Semiconductor AS0260 Datasheet HTML 4Page - ON Semiconductor AS0260 Datasheet HTML 5Page - ON Semiconductor AS0260 Datasheet HTML 6Page - ON Semiconductor AS0260 Datasheet HTML 7Page - ON Semiconductor AS0260 Datasheet HTML 8Page - ON Semiconductor AS0260 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 83 page
background image
AS0260 DS Rev. G Pub. 5/15 EN
2
©Semiconductor Components Industries, LLC, 2015.
AS0260: 1/6-Inch 1080P High-Definition (HD) System-On-A-Chip (SOC) Digi-
tal Image Sensor
Ordering Information
Table 2:
Available Part Numbers
Part Number
Base Description
Variant Description
AS0260CSSC28SUD20
RGB color
Die Sales, 200 μm Thickness
AS0260CSSC28SUKA0-CR
RGB color CSP
Chip Tray without Protective Film
AS0260HQSC28SUD20
RGB color
Die Sales, 200 μm Thickness
AS0260HQSC28SUKA0-CR
RGB color
Chip Tray without Protective Film
AS0260HQSC28SUKAD3-GEVK
RGB color
Demo3 Board
AS0260HQSC28SUKAD-GEVK
RGB color
Demo Kit
AS0260HQSC28SUKAH3-GEVB
RGB color
Demo3 Board
AS0260HQSC28SUKAH-GEVB
RGB color
Demo Board



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83