công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

AS0260 bảng dữ liệu(PDF) 29 Page - ON Semiconductor

tên linh kiện AS0260
Giải thích chi tiết về linh kiện  Digital Image Sensor
PDF  83 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ONSEMI [ON Semiconductor]
Trang chủ  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

AS0260 bảng dữ liệu(HTML) 29 Page - ON Semiconductor

Back Button AS0260 Datasheet HTML 25Page - ON Semiconductor AS0260 Datasheet HTML 26Page - ON Semiconductor AS0260 Datasheet HTML 27Page - ON Semiconductor AS0260 Datasheet HTML 28Page - ON Semiconductor AS0260 Datasheet HTML 29Page - ON Semiconductor AS0260 Datasheet HTML 30Page - ON Semiconductor AS0260 Datasheet HTML 31Page - ON Semiconductor AS0260 Datasheet HTML 32Page - ON Semiconductor AS0260 Datasheet HTML 33Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 83 page
background image
AS0260 DS Rev. G Pub. 5/15 EN
29
©Semiconductor Components Industries, LLC, 2015.
AS0260: 1/6-Inch 1080P High-Definition (HD) System-On-A-Chip (SOC) Digi-
tal Image Sensor
Gamma Knee Point Calculation
The AS0260 allows for the 19 knee point curves to be programmed based off a small
number of variables. The table below shows the variables which are required.
The diagram below shows the interaction of the variables and cam_ll_inv_brightness_-
metric.
Table 6:
Variables Required for Gamma Knee Point Calculation
Variable
Name
Function
VAR(0x12,0x0168)
or (R0xC968)
cam_ll_llmode
0x00: User will program 19 knee point gamma curves
0x01: AS0260 will calculate 19 knee point for contrast curve (first
curve or table).
0x02: AS0260 will calculate 19 knee point for noise reduction curve
(second curve or table).
0x03:AS0260willcalculateboth19kneepointcurves.
VAR(0x12,0x01C8)
or (R0xC9C8)
cam_ll_start_contrast_bm
Interpolation start point for first curve
VAR(0x12,0x01CA)
or (R0xC9CA)
cam_ll_stop_contrast_bm
Interpolation stop point for second curve
VAR(0x12,0x01CC)
or (R0xC9CC)
cam_ll_gamma
The value of the gamma curve, this is applied to both 19 knee point
curves. The default is 220, this equates to a gamma of 2.2.
VAR(0x12,0x01CE)
or (R0xC9CE)
cam_ll_start_contrast_gradient
The value of the contrast gradient that would be used for the first
curve
VAR(0x12,0x01CF)
or (R0xC93CF)
cam_ll_stop_contrast_gradient
The value of the contrast gradient that would be used for the second
curve
VAR(0x12,0x01D0)
or (R0xC9D0)
cam_ll_start_contrast_luma_percenta
ge
The percentage of target luma for the inflexion point in the first
curve
VAR(0x12,0x01D1)
or (R0xC9D1)
cam_ll_start_contrast_luma_percenta
ge
The percentage of target luma for the inflexion point second curve
VAR(0x12,0x01E2)
or (R0xC9E2)
cam_ll_inv_brightness_metric
Measure of scene brightness, reference points for
cam_ll_start_contrast_bm and cam_ll_stop_contrast_bm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83