công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

AS0260 bảng dữ liệu(PDF) 68 Page - ON Semiconductor

tên linh kiện AS0260
Giải thích chi tiết về linh kiện  Digital Image Sensor
PDF  83 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ONSEMI [ON Semiconductor]
Trang chủ  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

AS0260 bảng dữ liệu(HTML) 68 Page - ON Semiconductor

Back Button AS0260 Datasheet HTML 64Page - ON Semiconductor AS0260 Datasheet HTML 65Page - ON Semiconductor AS0260 Datasheet HTML 66Page - ON Semiconductor AS0260 Datasheet HTML 67Page - ON Semiconductor AS0260 Datasheet HTML 68Page - ON Semiconductor AS0260 Datasheet HTML 69Page - ON Semiconductor AS0260 Datasheet HTML 70Page - ON Semiconductor AS0260 Datasheet HTML 71Page - ON Semiconductor AS0260 Datasheet HTML 72Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 68 / 83 page
background image
AS0260 DS Rev. G Pub. 5/15 EN
68
©Semiconductor Components Industries, LLC, 2015.
AS0260: 1/6-Inch 1080P High-Definition (HD) System-On-A-Chip (SOC) Digi-
tal Image Sensor
Sequential Read, Start from Random Location
This sequence (Figure 38) starts in the same way as the single read from random location
(Figure 36). Instead of generating a no-acknowledge bit after the first byte of data has
been transferred, the master generates an acknowledge bit, and continues to perform
byte reads until L bytes have been read.
Figure 38:
Sequential Read, Start from Random Location
Sequential Read, Start from Current Location
This sequence (Figure 39) starts in the same way as the single read from current location
(Figure 37). Instead of generating a no-acknowledge bit after the first byte of data has
been transferred, the master generates an acknowledge bit, and continues to perform
byte reads until L bytes have been read.
Figure 39:
Sequential Read, Start from Current Location
Single Write to Random Location
This sequence (Figure 40) begins with the master generating a start condition. The slave
address/data direction byte signals a write and is followed by the high then low bytes of
the register address that is to be written. The master follows this with the byte of write
data. The write is terminated by the master generating a stop condition.
Slave Address
0
S
Sr
A Reg Address[15:8]
A
Read Data
Read Data
A
Reg Address[7:0]
A
Read Data
Slave Address
Previous Reg Address, N
Reg Address, M
M+1
M+2
M+1
M+3
A
A
1
A
A
Read Data
Read Data
M+L-2
M+L-1
M+L
A S
A
Read Data
Read Data
Previous Reg Address, N
N+1
N+2
N+L-1
N+L
A
Read Data
Slave Address
A
A
1
Read Data
A S
S



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com