công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

TLE9263QX bảng dữ liệu(PDF) 32 Page - Infineon Technologies AG

tên linh kiện TLE9263QX
Giải thích chi tiết về linh kiện  Dedicated Data Sheets are available for the different product variants
PDF  164 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  INFINEON [Infineon Technologies AG]
Trang chủ  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE9263QX bảng dữ liệu(HTML) 32 Page - Infineon Technologies AG

Back Button TLE9263QX Datasheet HTML 28Page - Infineon Technologies AG TLE9263QX Datasheet HTML 29Page - Infineon Technologies AG TLE9263QX Datasheet HTML 30Page - Infineon Technologies AG TLE9263QX Datasheet HTML 31Page - Infineon Technologies AG TLE9263QX Datasheet HTML 32Page - Infineon Technologies AG TLE9263QX Datasheet HTML 33Page - Infineon Technologies AG TLE9263QX Datasheet HTML 34Page - Infineon Technologies AG TLE9263QX Datasheet HTML 35Page - Infineon Technologies AG TLE9263QX Datasheet HTML 36Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 164 page
background image
TLE9263QX
System Features
Data Sheet
32
Rev. 1.1, 2014-09-26
5.2.1.1
Configuration and Operation of Cyclic Sense
The correct sequence to configure the cyclic sense is shown in Figure 6. All the configurations have to be
performed before the on-time is set in the TIMERx_CTRL registers. The settings “OFF / LOW” and “OFF / HIGH”
define the voltage level of the respective HS driver before the start of the cyclic sense. The intention of this
selection is to avoid an unintentional wake due to a voltage level change at the start of the cyclic sense.
Cyclic Sense (=TimerX) will start as soon as the respective on-time has been selected independently from the
assignment of the HS and filter configuration. The selection of the respective timer (Config C/D see
Chapter 12.2.1) must therefore be done before starting the timer. The correct configuration sequence is as
follows:
•
Configure the initial level
•
Mapping of a Timer to the respective HSx outputs
•
Configuring the respective filter timing and WK pins
•
Configuring the timer period and on-time
Figure 6
Cyclic Sense: Configuration and Sequence
Note: All configurations of period and on-time can be selected. However, recommended on-times for cyclic sense
are 0.1ms, 0.3ms and 1ms. The SPI_FAIL will be set if the on-time is longer than the period.
Cyclic Sense Configuration
Assign Timer to selected HS switch
in HS_CTRL_X
Enable WKx as wake source with
configured Timer in WK_FLT_CTRL
Cyclic Sense starts / ends by
setting / clearing On-time
Timer1, Timer2
Select Timer Period and desired
On-Time in TIMERx_CTRL
WK1, WK2, WK3 with
above selected timer
Period : 10, 20, 50, 100, 200ms, 1s, 2s
On-Time: 0.1, 0.3, 1.0, 10, 20ms
Assign TIMERx_ON to OFF/Low or
OFF/High in TIMERx_CTRL
Timer1, Timer2
Select WKx pull-up / pull-down
configuration in WK_PUPD_CTRL
No pull-up/-down, pull-down or pull-up
selected, automatic switching
Changing the settings can be done on the
fly, changes become effective at the next
on-time or period



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com