| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
RFM219SW bảng dữ liệu(PDF) 18 Page - List of Unclassifed Manufacturers |
|
|
|||||||||||||||||||||||||||||
RFM219SW bảng dữ liệu(HTML) 18 Page - List of Unclassifed Manufacturers |
|
18 / 35 page ![]() RFM219SW www.hoperf.com Rev 1.0 | Page 18/35 E-mail:sales@hoperf.com > 0.5 SCL cycle > 0.5 SCL cycle CSB FCSB SCL SDA X 7 6 5 4 3 2 1 0 7 6 5 4 3 2 1 0 X r/w = 1 register address register read data Figure 13. SPI Read Register Timing > 0.5 SCL cycle > 0.5 SCL cycle CSB FCSB SCL SDA X 7 6 5 4 3 2 1 0 7 6 5 4 3 2 1 0 X r/w = 0 register address register write data Figure 14. SPI Write Register Timing 5.6.2 FIFO Read Operation When reading the 32-byte FIFO, the internal read pointer will automatically increment after each byte is read out. The MCU must pull the FCSB to low for at least 1 SCL cycle before issuing the first rising edge of SCL. After issuing the last falling edge of SCL, the MCU must wait for at least 2 us before pulling the FCSB back to high. Furthermore, the MCU must pull up the FCSB for at least 4 us before reading the next byte of the FIFO. It allows the internal circuit to generate the FIFO interrupts according to the current status. > 1 SCL cycle > 2 us > 4 us > 1 SCL cycle > 2 us CSB FCSB SCL SDA X 7 6 5 4 3 2 1 0 X 7 6 5 4 3 2 1 0 X FIFO read data FIFO read data Figure 15. SPI Read FIFO Timing |