công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

PIC17C752-08/P bảng dữ liệu(PDF) 264 Page - Microchip Technology

tên linh kiện PIC17C752-08/P
Giải thích chi tiết về linh kiện  High-Performance 8-Bit CMOS EPROM Microcontrollers
PDF  320 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MICROCHIP [Microchip Technology]
Trang chủ  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC17C752-08/P bảng dữ liệu(HTML) 264 Page - Microchip Technology

Back Button PIC17C752-08/P Datasheet HTML 260Page - Microchip Technology PIC17C752-08/P Datasheet HTML 261Page - Microchip Technology PIC17C752-08/P Datasheet HTML 262Page - Microchip Technology PIC17C752-08/P Datasheet HTML 263Page - Microchip Technology PIC17C752-08/P Datasheet HTML 264Page - Microchip Technology PIC17C752-08/P Datasheet HTML 265Page - Microchip Technology PIC17C752-08/P Datasheet HTML 266Page - Microchip Technology PIC17C752-08/P Datasheet HTML 267Page - Microchip Technology PIC17C752-08/P Datasheet HTML 268Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 264 / 320 page
background image
PIC17C75X
DS30264A-page 264
© 1997 Microchip Technology Inc.
22.4
Package Marking Information
Legend:
MM...M
XX...X
AA
BB
C
D1
E
Microchip part number information
Customer specific information*
Year code (last 2 digits of calender year)
Week code (week of January 1 is week '01’)
Facility code of the plant at which wafer is manufactured.
C = Chandler, Arizona, U.S.A.
Mask revision number for microcontroller
Assembly code of the plant or country of origin in which
part was assembled.
In the event the full Microchip part number cannot be marked on one
line, it will be carried over to the next line thus limiting the number of
available characters for customer specific information.
Note:
Standard OTP marking consists of Microchip part number, year code, week code,
facility code, mask revision number, and assembly code. For OTP marking beyond
this, certain price adders apply. Please check with your Microchip Sales Office.
For QTP devices, any special marking adders are included in QTP price.
*
68-Lead PLCC
MMMMMMMMMM
MMMMMMM
AABBCDE
Example
S = Tempe, Arizona, U.S.A.
64-Lead TQFP
MMMMMMM
AABBCDE
MMMMMMMMMM
Example
9717CAE
68-Lead CERQUAD Windowed
Example
AABBCDE
64-Lead SDIP (Shrink DIP)
MMMMMMMMMMMMMMMMM
Example
PIC17C756
-08/L
9748CAE
MMMMMMMMMMMMMMMMM
AABBCDE
PIC17C756-04/CL
9750CAE
-08I/PT
PIC17C752
9736CAE
PIC17C752-04I/SP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More