| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
PIC17C752-08/P bảng dữ liệu(PDF) 90 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
PIC17C752-08/P bảng dữ liệu(HTML) 90 Page - Microchip Technology |
|
90 / 320 page ![]() PIC17C75X DS30264A-page 90 Preliminary © 1997 Microchip Technology Inc. FIGURE 12-5: TMR0 READ/WRITE IN TIMER MODE TABLE 12-1: REGISTERS/BITS ASSOCIATED WITH TIMER0 Address Name Bit 7 Bit 6 Bit 5 Bit 4 Bit 3 Bit 2 Bit 1 Bit 0 Value on POR, BOR Value on all other resets (Note1) 05h, Unbanked T0STA INTEDG T0SE T0CS T0PS3 T0PS2 T0PS1 T0PS0 — 0000 000- 0000 000- 06h, Unbanked CPUSTA — — STKAV GLINTD TO PD POR BOR --11 1100 --11 qq11 07h, Unbanked INTSTA PEIF T0CKIF T0IF INTF PEIE T0CKIE T0IE INTE 0000 0000 0000 0000 0Bh, Unbanked TMR0L TMR0 register; low byte xxxx xxxx uuuu uuuu 0Ch, Unbanked TMR0H TMR0 register; high byte xxxx xxxx uuuu uuuu Legend: x = unknown, u = unchanged, - = unimplemented read as a '0', q - value depends on condition, Shaded cells are not used by Timer0. Note 1: Other (non power-up) resets include: external reset through MCLR and the Watchdog Timer Reset. Instruction executed MOVFP DATAL,TMR0L Write TMR0L MOVFP DATAH,TMR0H Write TMR0H MOVPF TMR0L,W Read TMR0L MOVPF TMR0L,W Read TMR0L MOVPF TMR0L,W Read TMR0L Q1 Q2 Q3 Q4 Q1 Q2 Q3 Q4 Q1 Q2 Q3 Q4 Q1 Q2 Q3 Q4 Q1 Q2 Q3 Q4 Q1 Q2 Q3 Q4 AD15:AD0 ALE WR_TRM0L WR_TMR0H RD_TMR0L TMR0H TMR0L 12 12 13 AB FE FF 56 57 58 In this example, old TMR0 value is 12FEh, new value of AB56h is written. Instruction fetched MOVFP DATAL,TMR0L Write TMR0L MOVFP DATAH,TMR0H Write TMR0H MOVPF TMR0L,W Read TMR0L MOVPF TMR0L,W Read TMR0L MOVPF TMR0L,W Read TMR0L MOVPF TMR0L,W Read TMR0L Previously Fetched Instruction |