công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

PIC17C752-08/P bảng dữ liệu(PDF) 262 Page - Microchip Technology

tên linh kiện PIC17C752-08/P
Giải thích chi tiết về linh kiện  High-Performance 8-Bit CMOS EPROM Microcontrollers
PDF  320 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MICROCHIP [Microchip Technology]
Trang chủ  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC17C752-08/P bảng dữ liệu(HTML) 262 Page - Microchip Technology

Back Button PIC17C752-08/P Datasheet HTML 258Page - Microchip Technology PIC17C752-08/P Datasheet HTML 259Page - Microchip Technology PIC17C752-08/P Datasheet HTML 260Page - Microchip Technology PIC17C752-08/P Datasheet HTML 261Page - Microchip Technology PIC17C752-08/P Datasheet HTML 262Page - Microchip Technology PIC17C752-08/P Datasheet HTML 263Page - Microchip Technology PIC17C752-08/P Datasheet HTML 264Page - Microchip Technology PIC17C752-08/P Datasheet HTML 265Page - Microchip Technology PIC17C752-08/P Datasheet HTML 266Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 262 / 320 page
background image
PIC17C75X
DS30264A-page 262
© 1997 Microchip Technology Inc.
22.2
64-Lead Plastic Dual In-line (750 mil)
Package Group: Plastic Dual In-Line (PLA)
Symbol
Millimeters
Inches
Min
Max
Notes
Min
Max
Notes
α
0
°
15
°
0
°
15
°
A
–
5.08
–
0.200
A1
0.51
–
0.020
–
A2
3.38
4.27
0.133
0.168
B
0.38
0.56
0.015
0.022
B1
.076
1.27
Typical
0.030
0.050
Typical
C
0.20
0.30
Typical
0.008
0.012
Typical
D
57.40
57.91
2.260
2.280
D1
55.12
55.12
Reference
2.170
2.170
Reference
E
19.05
19.69
0.750
0.775
E1
16.76
17.27
0.660
0.680
e1
1.73
1.83
Typical
0.068
0.072
Typical
eA
19.05
19.05
Reference
0.750
0.750
Reference
eB
19.05
21.08
0.750
0.830
L
3.05
3.43
0.120
0.135
N
6464
6464
S
1.19
–
0.047
–
S1
0.686
–
0.027
–
N
Pin No. 1
E1
E
S
D
B1
B
Base
Plane
Seating
Plane
S1
A1 A2 A
L
e1
α
C
eA
D1
eB
Indicator Area



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More