công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

PIC16C745/P bảng dữ liệu(PDF) 66 Page - Microchip Technology

tên linh kiện PIC16C745/P
Giải thích chi tiết về linh kiện  8-Bit CMOS Microcontrollers with USB
PDF  158 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MICROCHIP [Microchip Technology]
Trang chủ  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16C745/P bảng dữ liệu(HTML) 66 Page - Microchip Technology

Back Button PIC16C745/P Datasheet HTML 62Page - Microchip Technology PIC16C745/P Datasheet HTML 63Page - Microchip Technology PIC16C745/P Datasheet HTML 64Page - Microchip Technology PIC16C745/P Datasheet HTML 65Page - Microchip Technology PIC16C745/P Datasheet HTML 66Page - Microchip Technology PIC16C745/P Datasheet HTML 67Page - Microchip Technology PIC16C745/P Datasheet HTML 68Page - Microchip Technology PIC16C745/P Datasheet HTML 69Page - Microchip Technology PIC16C745/P Datasheet HTML 70Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 66 / 158 page
background image
PIC16C745/765
DS41124A-page 66
Advanced Information
© 1999 Microchip Technology Inc.
10.5.1.7
USB Address Register (UADDR)
The Address Register (UADDR) contains the unique
USB address that the USB will decode. The register is
reset to 00h after the reset input has gone active or the
USB has decoded a USB reset signaling. That will ini-
tialize the address register to decode address 00h as
required by the USB specification. The USB address
must be written by the MCU during the USB SETUP
phase.
REGISTER 10-7:
USB ADDRESS REGISTER (UADDR: 196h)
10.5.1.8
USB Software Status Register
This register is used by the USB firmware libraries for
USB status.
REGISTER 10-8:
RESERVED SOFTWARE LIBRARY REGISTER (USWSTAT: 197H):.
10.5.1.9
Endpoint Registers
Each endpoint is controlled by an Endpoint Control
Register.
The
PIC16C745/765
supports
Buffer
Descriptors (BD) for the following endpoints:
- EP0 Out
- EP0 In
- EP1 Out
- EP1 In
- EP2 Out
- EP2 In
The user will be required to disable unused Endpoints
and directions using the Endpoint Control Registers.
U-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
—
ADDR6
ADDR5
ADDR4
ADDR3
ADDR2
ADDR1
ADDR0
R = Readable bit
W = Writable bit
U = Unimplemented bit,
read as ‘0’
-n = Value at POR reset
bit7
bit0
bit 7:
Unimplemented: Read as ’0’.
bit 6-0:
ADDR<6:0>: This 7-bit value defines the USB address that the USB will decode.
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R = Readable bit
W = Writable bit
U = Unimplemented bit,
read as ‘0’
-n = Value at POR reset
7
65
4
3
2
1
0
Function IDs
Configuration Status



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com