công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

12ASX2 bảng dữ liệu(PDF) 87 Page - Infineon Technologies AG

tên linh kiện 12ASX2
Giải thích chi tiết về linh kiện  Single Channel Isolated Driver for Inverter Systems AD Step
PDF  147 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  INFINEON [Infineon Technologies AG]
Trang chủ  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

12ASX2 bảng dữ liệu(HTML) 87 Page - Infineon Technologies AG

Back Button 12ASX2 Datasheet HTML 83Page - Infineon Technologies AG 12ASX2 Datasheet HTML 84Page - Infineon Technologies AG 12ASX2 Datasheet HTML 85Page - Infineon Technologies AG 12ASX2 Datasheet HTML 86Page - Infineon Technologies AG 12ASX2 Datasheet HTML 87Page - Infineon Technologies AG 12ASX2 Datasheet HTML 88Page - Infineon Technologies AG 12ASX2 Datasheet HTML 89Page - Infineon Technologies AG 12ASX2 Datasheet HTML 90Page - Infineon Technologies AG 12ASX2 Datasheet HTML 91Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 87 / 147 page
background image
EiceDRIVER
™ SIL
1EDI2002AS
Register Description
Datasheet
87
Rev. 3.1, 2015-07-30
Hardware Description
OPM
7:5
rh
Operating Mode
This bit field indicates which operating mode is active.
000
B: Mode OPM0 is active.
001
B: Mode OPM1 is active.
010
B: Mode OPM2 is active.
011
B: Mode OPM3 is active.
100
B: Mode OPM4 is active.
101
B: Mode OPM5 is active.
110
B: Mode OPM6 is active.
111
B: Reserved.
Note: This bit field is a mirror of bit field SSTAT.OPM
FLTB
4
rhs
NFLTB Driver Request
This bit indicates what output state is driven by the device
at pin NFLTB.
0
B: NFLTB is tristated.
1
B: A Low Level is issued at NFLTB.
This bit is sticky.
FLTA
3
rhs
NFLTA Driver Request
This bit indicates what output state is driven by the device
at pin NFLTA.
0
B: NFLTA is tristated.
1
B: A Low Level issued at NFLTA.
This bit is sticky.
ENVAL
2
rh
EN/FEN Valid Status
This bit indicates if the signal received on pin EN/FEN is
valid.
0
B: A non-valid signal is detected.
1
B: A valid signal is detected.
LMI
1
rh
Last Message Invalid Notification
This bit indicates if the last received SPI Message was
correctly processed by the device.
0
B: Previous Message was processed correctly.
1
B: Previous Message was discarded.
P
0
rh
Parity Bit
Odd Parity Bit.
Field
Bits
Type
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com