công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

12ASX2 bảng dữ liệu(PDF) 79 Page - Infineon Technologies AG

tên linh kiện 12ASX2
Giải thích chi tiết về linh kiện  Single Channel Isolated Driver for Inverter Systems AD Step
PDF  147 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  INFINEON [Infineon Technologies AG]
Trang chủ  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

12ASX2 bảng dữ liệu(HTML) 79 Page - Infineon Technologies AG

Back Button 12ASX2 Datasheet HTML 75Page - Infineon Technologies AG 12ASX2 Datasheet HTML 76Page - Infineon Technologies AG 12ASX2 Datasheet HTML 77Page - Infineon Technologies AG 12ASX2 Datasheet HTML 78Page - Infineon Technologies AG 12ASX2 Datasheet HTML 79Page - Infineon Technologies AG 12ASX2 Datasheet HTML 80Page - Infineon Technologies AG 12ASX2 Datasheet HTML 81Page - Infineon Technologies AG 12ASX2 Datasheet HTML 82Page - Infineon Technologies AG 12ASX2 Datasheet HTML 83Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 79 / 147 page
background image
EiceDRIVER
™ SIL
1EDI2002AS
Protection and Diagnostics
Datasheet
79
Rev. 3.1, 2015-07-30
Hardware Description
3.5.9
Internal Clock Supervision
The Primary Clock Supervision functionality is summarized in Table 3-20:
The clock supervision function consists on the primary clock supervision and the TCF feature.
Primary Clock Supervision
The purpose of this supervision function is to verify the frequency deviation of the primary clock. This function
works in such a way that the PWM input signal is used to start and stop a counter clocked by OSC1. The function
is activated when the device is in OPM5 or OPM6. The counter is incremented for the duration of the High level at
pin INP. At a High-to-Low transition at pin INP, the counter is stopped, and its content is transferred to bit field
PCS.CS1. A plausibility check can therefore be made by the logic. In case of a long INP pulse, the counter does
not overflow but stays at the maximum value until cleared. PCS.CS1 is cleared by setting bit PCTRL.CLRP.
The INP signal is not issued at the output stage.
Note: OSC2 is indirectly monitored by the Life Sign mechanism.
Timing Calibration Feature
The purpose of this supervision function is to measure the frequency of oscillator SSOC2. The PWM input signal
is used to start and stop a counter clocked by SSOSC2. The function is activated when the device is in OPM6
(only). The counter is incremented for the duration of the High level at pin INP. At a High-to-Low transition at pin
INP, the counter is stopped, and its content is transferred to bit field SCS.CS2. A plausibility check can therefore
be made by the logic. In case of a long INP pulse, the counter does not overflow but stays at the maximum value
until cleared. SCS.CS2 is cleared by a reset event only.
The INP signal is not issued at the output stage.
3.5.10
DIO Supervision
The IGBT State Monitoring mechanisms summarized in Table 3-13:
Table 3-20 Primary Clock Supervision Overview
Parameter
Short Description
Function
Supervision of the frequency of OSC1 and SSOSC2.
Periodicity
On Request.
Action in case of event
N.a.
Programmability
No
In-System Testability
No
Table 3-21 DIO Supervision Overview
Parameter
Short Description
Function
Supervision of the Digital Channel.
Periodicity
On Request.
Action in case of failure event
None.
Programmability
No.
In-System Testability
No.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com