công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

DB929B bảng dữ liệu(PDF) 14 Page - CML Microcircuits

tên linh kiện DB929B
Giải thích chi tiết về linh kiện  Full Data Packet Framing
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  CMLMICRO [CML Microcircuits]
Trang chủ  http://www.cmlmicro.com
Logo CMLMICRO - CML Microcircuits

DB929B bảng dữ liệu(HTML) 14 Page - CML Microcircuits

Back Button DB929B Datasheet HTML 10Page - CML Microcircuits DB929B Datasheet HTML 11Page - CML Microcircuits DB929B Datasheet HTML 12Page - CML Microcircuits DB929B Datasheet HTML 13Page - CML Microcircuits DB929B Datasheet HTML 14Page - CML Microcircuits DB929B Datasheet HTML 15Page - CML Microcircuits DB929B Datasheet HTML 16Page - CML Microcircuits DB929B Datasheet HTML 17Page - CML Microcircuits DB929B Datasheet HTML 18Page - CML Microcircuits Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 51 page
background image
4-Level FSK Modem Data Pump
Page 14 of 50
MX929B PRELIMINARY INFORMATION
©2001 MX-COM, INC.
www.mxcom.com Tel: 800 638 5577 336 744 5050
Fax: 336 744 5054
Doc. # 20480171.003
4800 Bethania Station Road, Winston-Salem, NC 27105-1201 USA
All trademarks and service marks are held by their respective companies.
4.3
Binary to Symbol Translation
Although the over-air signal, and therefore the signals at the modem TXOUT and RXIN pins, consists of 4-
level symbols, the raw data passing between the modem and the µC is in binary form. Translation between
binary data and the 4-level symbols is done in one of two ways, depending on the task being performed.
1. Direct way: (simplest form) - converts between two binary bits and a single symbol, such as the 'S'
Channel Status symbol.
SYMBOL
MSB
LSB
+3
1
1
+1
1
0
-1
0
0
-3
0
1
Accordingly, 1 byte = 4 symbols = 8 bits, and one byte translates to four symbols for the T4S and R4S tasks
and six bytes translates to twenty-four symbols for the T24S task described in Section 4.5.2.
MSB
LSB
Bits:
7
6
5
4
3
2
1
0
Symbols:
a
b
c
d
send first
send last
2. FEC way: (more complicated) - essentially translates groups of 3 binary bits to pairs of 4-level symbols
using a Forward Error Correcting coding scheme for the block oriented tasks THB, TIB, TLB, RHB, RILB,
and RSID described in Section 4.5.2.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51