| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
UM0894 bảng dữ liệu(PDF) 29 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
UM0894 bảng dữ liệu(HTML) 29 Page - STMicroelectronics |
|
29 / 45 page ![]() UM0894 Running the STM32W108xx kits Doc ID 16999 Rev 6 29/45 This identifies which planet is in transmission mode if there is more than one planet device (up to 5 supported by the SimpleMAC Sun PC applet). Figure 17. Sun node with 5 planets Note: For further information about the SimpleMAC sample application, refer to the STM32W108xx SimpleMAC user manual - UM0893, available on the STM32W 32-bit RF microcontroller webpages at www.st.com/stm32w. |